Electronic Components Datasheet Search
  English  ▼

X  

MAX44281 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44281
Description  Ultra-Small, Ultra-Thin, 4-Bump Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44281 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44281 Datasheet HTML 1Page - Maxim Integrated Products MAX44281 Datasheet HTML 2Page - Maxim Integrated Products MAX44281 Datasheet HTML 3Page - Maxim Integrated Products MAX44281 Datasheet HTML 4Page - Maxim Integrated Products MAX44281 Datasheet HTML 5Page - Maxim Integrated Products MAX44281 Datasheet HTML 6Page - Maxim Integrated Products MAX44281 Datasheet HTML 7Page - Maxim Integrated Products MAX44281 Datasheet HTML 8Page - Maxim Integrated Products MAX44281 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Maxim Integrated
MAX44281
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, VGND = 0V, RL = 10kI to VDD/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
VDD to GND............................................................-0.3V to +6V
IN to GND................................................................-0.3V to +6V
OUT to GND.............................. (VGND - 0.3V) to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70NC)
WLP (derate 9.7mW/NC above +70NC) ........................303mW
Maximum Continuous Current into Any Pin ...................P 20mA
Operating Temperature Range........................ -40NC to +125NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+260NC
WLP
Junction-to-Ambient Thermal Resistance (
qJA) ........103°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Note 1)
Input Voltage Range (Note 3)
VIN
AV = 1V/V (MAX44281O)
0.1
VDD -
0.1
V
AV = 2V/V (MAX44281V)
0.05
(VDD -
0.1)/2
AV = 10V/V (MAX44281U)
0.01
(VDD -
0.1)/10
Gain Error
GE
AV = 1V/V (MAX44281O)
0.01
0.02
%
AV = 2V/V (MAX44281V)
0.2
0.6
AV = 10V/V (MAX44281U)
0.3
0.7
Input Offset Voltage (Note 2)
VOS
VIN = 150mV,
no load
AV = 1
20
100
F
V
AV = 2V/V
20
100
AV = 10V/V
20
100
Input Offset Voltage Drift (Note 2)
VOS - TC
2
9
F
V/NC
Input Bias Current (Note 2)
IB
TA = +25NC (Note 2)
1
10
pA
TA = -40NC to +125NC
2000
Output Short-Circuit Current
ISC
OUT to VDD or GND
50
mA
Output Voltage Low
VOL
ROUT = 10kI
0.02
V
ROUT = 600I
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com