Electronic Components Datasheet Search
  English  ▼

X  

MAX44281 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX44281
Description  Ultra-Small, Ultra-Thin, 4-Bump Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44281 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX44281 Datasheet HTML 2Page - Maxim Integrated Products MAX44281 Datasheet HTML 3Page - Maxim Integrated Products MAX44281 Datasheet HTML 4Page - Maxim Integrated Products MAX44281 Datasheet HTML 5Page - Maxim Integrated Products MAX44281 Datasheet HTML 6Page - Maxim Integrated Products MAX44281 Datasheet HTML 7Page - Maxim Integrated Products MAX44281 Datasheet HTML 8Page - Maxim Integrated Products MAX44281 Datasheet HTML 9Page - Maxim Integrated Products MAX44281 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Maxim Integrated
MAX44281
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
OUTPUT VOLTAGE SWING HIGH
vs. TEMPERATURE
TEMPERATURE (°C)
110
60
10
3.291
3.292
3.293
3.294
3.295
3.296
3.297
3.298
3.299
3.300
3.290
-40
CAPACITIVE-LOAD STABILITY
vs. RESISTIVE LOAD
RESISTIVE LOAD (I)
10k
1k
50
100
150
200
250
300
350
400
0
100
100k
UNSTABLE
REGION
STABLE
REGION
MAX44281 toc21
1µs/div
INPUT
500mV/div
VCC/2
OUTPUT
500mV/div
VCC/2
LARGE-SIGNAL STEP RESPONSE
vs. TIME
OUTPUT VOLTAGE SWING LOW
vs. TEMPERATURE
TEMPERATURE (°C)
110
60
10
0
-40
0.002
0.004
0.006
0.008
0.010
ISOLATION RESISTANCE
vs. CAPACITIVE-LOAD STABILITY
LOAD CAPACITANCE (pF)
1500
1000
500
2
4
6
8
10
12
14
0
0
2000
STABLE
REGION
UNSTABLE
REGION
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
CLOAD (pF)
10
20
30
40
50
60
70
80
90
100
0
0
600
500
400
300
200
100
VIN = 100mVP-P
POSITIVE
OVERSHOOT
NEGATIVE
OVERSHOOT
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
110
60
10
1.0
-40
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
MAX44281 toc20
1µs/div
INPUT
50mV/div
VCC/2
OUTPUT
50mV/div
VCC/2
SMALL-SIGNAL STEP RESPONSE
vs. TIME



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com