Electronic Components Datasheet Search
  English  ▼

X  

MAX44281 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX44281
Description  Ultra-Small, Ultra-Thin, 4-Bump Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44281 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX44281 Datasheet HTML 1Page - Maxim Integrated Products MAX44281 Datasheet HTML 2Page - Maxim Integrated Products MAX44281 Datasheet HTML 3Page - Maxim Integrated Products MAX44281 Datasheet HTML 4Page - Maxim Integrated Products MAX44281 Datasheet HTML 5Page - Maxim Integrated Products MAX44281 Datasheet HTML 6Page - Maxim Integrated Products MAX44281 Datasheet HTML 7Page - Maxim Integrated Products MAX44281 Datasheet HTML 8Page - Maxim Integrated Products MAX44281 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Maxim Integrated
MAX44281
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, VGND = 0V, RL = 10kI to VDD/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: Guaranteed by gain accuracy specifications.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage High
VOH
ROUT = 10kI
VDD –
0.1
V
ROUT = 600I
VDD –
0.1
Input Voltage-Noise Density
en
AV = 1V/V, f = 10kHz
15
nV/
√Hz
AV = 2V/V, f = 10kHz
19
AV = 10V/V, f = 10kHz
16
Gain Bandwidth
GBW
15
MHz
Slew Rate
SR
8
V/Fs
Capacitive Load
CLOAD
No sustained oscillations
100
pF
POWER-SUPPLY CHARACTERISTICS
Power-Supply Range
VDD
Guaranteed by
PSRR
TA = -40NC to +125NC
1.8
5.5
V
TA = 0NC to +70NC
1.7
5.5
Power-Supply Rejection Ratio
PSRR
75
100
dB
Supply Current
ICC
VOUT = VDD/2, no load
700
1200
F
A
Shutdown Supply Current
ISHDN
1
F
A
Shutdown Threshold
VIL
0.5
V
Turn-On Time
tON
TA = +25NC
10
20
ms
TA = -40NC to +125NC
10
30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com