Electronic Components Datasheet Search
  English  ▼

X  

AS5262 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AS5262 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AS5262
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
17 - 36
Table 11. External Components
Symbol
Parameter
Min
Typ
Max
Unit
Note
C1
VDD buffer capacitor
0.8
1
1.2
µF
Low ESR 0.3
Ω
C2
VDD3V3 regulator capacitor
0.8
1
1.2
µF
Low ESR 0.3
Ω
C3
OUT load capacitor (sensor PCB)
0
4.7
nF
C4
*
VDD capacitor (optional)
4.7
nF
Do not increase due to
programming over output.
R1
*
VDD serial resistor (optional)
10
Ω
CL
OUT load capacitor (ECU)
0
33
nF
R2
*
OUT serial resistor (optional)
50
Ω
RLPU
OUT pull-up resistance
4
10
k
Ω
RLPD
OUT pull-down resistance
4
10
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com