Electronic Components Datasheet Search
  English  ▼

X  

AS5262 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AS5262 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AS5262
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
18 - 36
9.2 Programming the AS5262
The AS5262 programming is a one-time-programming (OTP) method, based on polysilicon fuses. The advantage of this method is that no
additional programming voltage is needed. The internal LDO provides the current for programming.
The OTP consists of 128 bits; several bits are available for user programming. In addition factory settings are stored in the OTP memory. Both
regions are independently lockable by build in lock bits.
A single OTP cell can be programmed only once. Per default, the cell is “0”; a programmed cell will contain a “1”. While it is not possible to reset
a programmed bit from “1” to “0”, multiple OTP writes are possible, as long as only unprogrammed “0”-bits are programmed to “1”.
Independent of the OTP programming, it is possible to overwrite the OTP register temporarily with an OTP write command. This is possible only
if the user lock bit is not programmed.
Due to the programming over the output pin the device will initially start in the communication mode. In this mode the digital angle value can be
read with a specific protocol format. It is a bidirectional communication possible. Parameters can be written into the device. A programming of the
device is triggered by a specific command. With another command (pass2func) the device can be switched into operation mode. In case of a
programmed user lock bit the AS5262 automatically starts up in the functional operation mode. No communication of the specific protocol is
possible after this.
A standard half duplex UART protocol is used to exchange data with the device in the communication mode.
9.2.1 UART Interface for Programming
The AS5262 uses a standard UART interface with an address byte and two data bytes. The read or write mode is selected with bit R/Wn in the
first byte. The timing (baudrate) is selected by the AS5262 over a synchronization frame. The baud rate register can be read and overwritten
(optional). Every start bit is used for synchronisation.
A time out function detects not complete commands and resets the AS5262 UART after the timeout period.
9.2.2 Frame Organization
Each frame is composed by 24 bits. The first byte of the frame specifies the read/write operation with the register address. 16 data bits contains
the communication data. There will be no operation in case of the usage of a not specified CMD. The UART programming interface block of the
AS5262 can operate in slave communication or master communication mode. In the slave communication mode the AS5262 receives the data.
The programming tool is the driver of the single communication line. In case of the master communication mode the AS5262 transmits data in
the frame format. The single communication line can be pulled down by the AS5262.
The UART frame consists of 1 start bit (low level), 8 data bit, 1 even-parity bit and 1 stop bit (high level). Data are transferred from LSB to MSB
Figure 13. General UART Frame
Table 12. Bit Timing
Symbol
Parameter
Min
Typ
Max
Unit
Note
START
Start bit
1
TBIT
Dx
Data bit
1
TBIT
PAR
Parity bit
1
TBIT
STOP
Stop bit
1
TBIT
TSW
Slave/Master Switch Time
7
TBIT
D0
D1
D2
D3
D4
D5
D6
D7 par
start
stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com