Electronic Components Datasheet Search
  English  ▼

X  

AS5262 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS5262 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AS5262
Datasheet - Pin Assignm ents
www.ams.com
Revision 1.1
4 - 36
5 Pin Assignments
Figure 3. MLF-16 Pin Configuration (View from Top)
5.1 Pin Descriptions
Table 1. MLF-16 Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1TP1_T
DIO/AIO
Multi purpose pin
Test pin for fabrication. Connected to ground in the application.
2
TP1_B
Test pin for fabrication. Connected to ground in the application.
3VDD3V3_T
AIO
Output of the LDO. 1µF required.
4
VDD3V3_B
Output of the LDO. 1µF required.
5GND_T
Supply pin
Ground pin. Connected to ground in the application.
6
GND_B
Ground pin. Connected to ground in the application.
7TP2_T
DIO/AIO
Multi purpose pin
Test pin for fabrication. Connected to ground in the application.
8
TP2_B
Test pin for fabrication. Connected to ground in the application.
9TP3_T
Test pin for fabrication. Left open in the application.
10
TP3_B
Test pin for fabrication. Left open in the application.
11
S_T
AIO
Test pin for fabrication. Connected to OUT_T in the application.
( special case for the connection possible
→ 4-wire mode)
12
S_B
Test pin for fabrication. Connected to OUT_B in the application.
( special case for the connection possible ® 4-wire mode)
13
OUT_T
Analog output pin
Output pin analog output. Over this pin the programming is possible.
14
OUT_B
Output pin analog output. Over this pin the programming is possible.
15
VDD_T
Supply pin
Positive supply pin. This pin is over voltage protected.
16
VDD_B
Positive supply pin. This pin is over voltage protected.
TP1_T
TP1_B
VDD3V3_T
VDD3V3_B
16
13
14
15
5
8
7
6
1
4
3
2
12
9
10
11
S_B
S_T
TP3_B
TP3_T
Epad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com