Electronic Components Datasheet Search
  English  ▼

X  

AS5262 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AS5262 Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 29Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 30Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 31Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 32Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 33Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 34Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 35Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AS5262
Datasheet - Pack a ge Drawin gs and Ma r k ings
www.ams.com
Revision 1.1
32 - 36
10 Package Drawings and Markings
The device is available in a MLF-16 package.
Figure 20. Package Drawings and Dimensions
Marking: YYWWVZZ.
YY
WW
V
ZZ
Year
Week
Assembly plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
0.20 REF
L
0.50
0.60
0.70
L1
0.05
0.15
0.25
L2
0.05
0.10
0.15
Θ
0º
-
14º
b
0.35
0.40
0.45
b1
0.20
0.25
0.30
D
6.00 BSC
E
6.00 BSC
e
1.00 BSC
D1
5.75 BSC
E1
5.75 BSC
D
2
4.10
4.20
4.30
E2
4.10
4.20
4.30
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N16
Notes:
1. Dimensions and tolerancing confirm to ASME Y14.5M-1994.
2. All dimensions are in miilimeters. Angles are in degrees.
3. Bilaretal coplanarity zone applies to the exposed pad as well as the terminal.
4. Radius on the terminal is optional.
5. N is the total number of terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com