Electronic Components Datasheet Search
  English  ▼

X  

AS5262 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS5262 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
AS5262
12-Bit Magnetic Angle Position Sensor
www.ams.com
Revision 1.1
1 - 36
1 General Description
The AS5262 is a contactless magnetic angle position sensor for
accurate angular measurement over a full turn of 360°. A sub range
can be programmed to achieve the best resolution for the
application. It is a system-on-chip, combining integrated Hall
elements, analog front end, digital signal processing and best in
class automotive protection features in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip, is required. The magnet may be placed above
or below the IC.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 0.022° = 16384
positions per revolution. According to this resolution the adjustment
of the application specific mechanical positions are possible. The
angular output data is available over a 12 bit ratiometric analog
output.
The AS5262 operates at a supply voltage of 5V and the supply and
output pins are protected against overvoltage up to +20V. In addition
the supply pins are protected against reverse polarity up to –20V.
Figure 1. Typical Arrangement of AS5262 and magnet
2 Key Features

360º contactless high resolution angular position sensing

User programmable start and end point of the application region
+ linearization.

User programmable clamping levels and programming of the
transition point.

Powerful analog output
- Short circuit monitor
- High driving capability for resistive and capacitive loads

Wide temperature range: - 40°C to + 150°C

Small Pb-free package: MLF 16 6x6 (with dimple)

Broken GND and VDD detection over a wide range of different
load conditions.

Saw tooth mode 1,2,3,4 slopes per revolution
3 Benefits

Unique fully differential patented solution

Best protections for automotive applications

Easy to program

Additional linearization points for output characteristic

Ideal for applications in harsh environments due to contactless
position sensing

Robust system, tolerant to magnet misalignment, air gap
variations, temperature variations and external magnetic fields

High inherent accuracy

High driving capability of analog output (including diagnostics)

Broken GND and VDD detection for all external load cases
4 Applications
The AS5262 is ideal for automotive applications like throttle and
valve position sensing, gearbox position sensor, tumble flap, chassis
height level, pedal position sensing and contactless potentiometers.


Similar Part No. - AS5262

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5262-HMFP AMSCO-AS5262-HMFP Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
More results

Similar Description - AS5262

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
12 BIT AUTOMOTIVE Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
12-Bit Automotive Angle Position Sensor
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5055A AMSCO-AS5055A Datasheet
646Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5055A AMSCO-AS5055A_V01 Datasheet
464Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
2014-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com