Electronic Components Datasheet Search
  English  ▼

X  

SSL4120 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 15Page - NXP Semiconductors SSL4120 Datasheet HTML 16Page - NXP Semiconductors SSL4120 Datasheet HTML 17Page - NXP Semiconductors SSL4120 Datasheet HTML 18Page - NXP Semiconductors SSL4120 Datasheet HTML 19Page - NXP Semiconductors SSL4120 Datasheet HTML 20Page - NXP Semiconductors SSL4120 Datasheet HTML 21Page - NXP Semiconductors SSL4120 Datasheet HTML 22Page - NXP Semiconductors SSL4120 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
19 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.7.6 PFC soft-start and soft-stop (SNSCURPFC pin)
The PFC controller features a soft-start function. The function slowly increases the
primary peak current during start-up. The soft-stop function slowly decreases the
transformer peak current before operations are stopped. These functions prevent
transformer rattle during start-up and burst mode operation.
Connecting a resistor Rss(PFC) and capacitor Css(PFC) between the SNSCURPFC pin and
the current sense resistor Rcur(PFC) achieves this. During start-up, an internal current
source Ich(ss)(PFC) charges the capacitor to VSNSCURPFC =Ich(ss)(PFC)  Rss(PFC).
The voltage is limited to the maximum PFC soft-start clamp voltage, Vclamp(ss)PFC. The
additional voltage across the charged capacitor reduces the peak current. After start-up,
the internal current source is switched-off, capacitor Css(PFC) discharges across Rss(PFC)
and the peak current increases.
The start level and the time constant of the rising primary current can be adjusted
externally by changing the values of Rss(PFC) and Css(PFC).
Switching on the internal current source Ich(ss)(PFC) starts a soft-stop. Ich(ss)(PFC) charges
Css(PFC). The increasing capacitor voltage decreases the peak current. The charge current
flows when the voltage on the SNSCURPFC pin is less than the maximum PFC soft-start
voltage = 0.5 V. If VSNSCURPFC exceeds the maximum PFC soft-start voltage, the soft-start
current source starts limiting the charge current. To determine accurately if the capacitor is
charged, the voltage is only measured during the PFC power switch off-time. The PFC is
stopped when VSNSCURPFC > Vstop(ss)(PFC).
7.7.7 PFC overcurrent regulation, OCR-PFC (SNSCURPFC pin)
The maximum peak current is limited cycle-by-cycle by sensing the voltage across an
external sense resistor (Rcur(PFC)) connected to the source of the external MOSFET. The
voltage is measured via the SNSCURPFC pin and is limited to Vocr(PFC).
A voltage peak appears on VSNSCURPFC when the PFC MOSFET is switched on due to the
discharging of the drain capacitance. The leading-edge blanking time tleb(PFC) ensures that
the overcurrent sensing block does not react to this transitory peak.
7.7.8 PFC mains undervoltage protection/brownout protection, UVP mains
(SNSMAINS pin)
The voltage on the SNSMAINS pin is continuously sensed to prevent the PFC trying to
operate at very low mains input voltages. PFC switching stops when
VSNSMAINS <Vuvp(SNSMAINS). Mains undervoltage protection is also called brownout
protection.
VSNSMAINS is clamped to a minimum value of Vpu(SNSMAINS) for fast restart as soon as the
mains input voltage recovers after a mains dropout. The PFC starts or restarts once
VSNSMAINS exceeds the Vstart(SNSMAINS) start level.
I
Cur PFC
 pk

V
ocr PFC

I
ch ss
 PFC

R
ss PFC


–
R
cur PFC

---------------------------------------------------------------------------------------------
=
R
ss PFC

C
ss PFC

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com