Electronic Components Datasheet Search
  English  ▼

X  

SSL4120 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL4120 Datasheet HTML 1Page - NXP Semiconductors SSL4120 Datasheet HTML 2Page - NXP Semiconductors SSL4120 Datasheet HTML 3Page - NXP Semiconductors SSL4120 Datasheet HTML 4Page - NXP Semiconductors SSL4120 Datasheet HTML 5Page - NXP Semiconductors SSL4120 Datasheet HTML 6Page - NXP Semiconductors SSL4120 Datasheet HTML 7Page - NXP Semiconductors SSL4120 Datasheet HTML 8Page - NXP Semiconductors SSL4120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
5 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
SUPHV
12
internal HV start-up source high-voltage supply input.
Externally connected to the boost voltage
GATEHS
13
HBC high-side MOSFET gate driver output
SUPHS
14
high-side driver supply input.
Externally connected to the bootstrap capacitor
HB
15
reference for high-side driver and input for half-bridge slope detection.
Externally connected to half-bridge node HB between HBC MOSFETs (see
Figure 19)
n.c.
16
not connected; high-voltage spacer
SNSCURHBC 17
momentary HBC current sense input.
Externally connected to the resonant current sense resistor
SGND
18
signal ground and IC reference (ground).
CFMIN
19
HBC minimum frequency setting.
Externally connected to the capacitor
RFMAX
20
HBC maximum frequency setting.
Externally connected to the resistor
SNSFB
21
output voltage regulation feedback sense input.
Externally connected to opto-coupler
SSHBC/EN
22
HBC soft-start timing input
IC enable input. Enables PFC only or both PFC and HBC controllers.
Externally connected to soft-start capacitor and enable pull-down signal
RCPROT
23
protection timer setting for time-out and restart.
Externally connected to resistor and capacitor
SNSBOOST
24
sense input for boost voltage regulation.
Externally connected to resistive divided Vboost
Table 2.
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com