Electronic Components Datasheet Search
  English  ▼

X  

SSL4120 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors SSL4120 Datasheet HTML 29Page - NXP Semiconductors SSL4120 Datasheet HTML 30Page - NXP Semiconductors SSL4120 Datasheet HTML 31Page - NXP Semiconductors SSL4120 Datasheet HTML 32Page - NXP Semiconductors SSL4120 Datasheet HTML 33Page - NXP Semiconductors SSL4120 Datasheet HTML 34Page - NXP Semiconductors SSL4120 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
31 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
The protection timer is also started. The Restart state is activated when the OCR-HBC
condition is still present after the protection time has elapsed.
7.8.10.3
Overcurrent protection, OCP-HBC
Under normal operating conditions, OCR is able to ensure the current remains below the
specified maximum values. However, in the event of certain error conditions, it is not fast
enough to limit the current. OCP is implemented to protect against those error conditions.
The OCP level (Vocp(HBC) = 1 V and +1 V), is higher than the OCR level Vocr(HBC).
When the OCP level is reached, the frequency immediately jumps to the maximum value
using the soft-start reset, then a normal sweep down.
7.8.11 HBC capacitive mode regulation, CMR (HB pin)
The MOSFETs in the half-bridge drive the resonant circuit. Depending on the output load,
the output voltage and the switching frequency this resonant circuit can have an inductive
or a capacitive impedance. Inductive impedance is preferred because it facilitates efficient
zero-voltage switching.
Harmful switching in capacitive mode is avoided using the adaptive non-overlap time
function (see Section 7.8.4.2). An extra action is performed which results in Capacitive
Mode Regulation (CMR). CMR causes the half-bridge circuit to return to Inductive mode
from Capacitive mode.
Fig 18. Overcurrent regulation during start-up
Iocr
-Iocr
ICur(HBC)
Iss(hf)(SSHBC)
Iss(If)(SSHBC)
-Iss(If)(SSHBC)
-Iss(hf)(SSHBC)
ISSHBC/EN
VSSHBC/EN
Vfmin(SSHBC)
Vss(hf-lf)(SSHBC)
Vfmax(SSHBC)
VO
Vreg
0
0
0
t
t
t
t
Fast soft start sweep (charge and discharge)
Slow soft start sweep (charge and discharge)
014aaa866



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com