Electronic Components Datasheet Search
  English  ▼

X  

SSL4120 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL4120 Datasheet HTML 1Page - NXP Semiconductors SSL4120 Datasheet HTML 2Page - NXP Semiconductors SSL4120 Datasheet HTML 3Page - NXP Semiconductors SSL4120 Datasheet HTML 4Page - NXP Semiconductors SSL4120 Datasheet HTML 5Page - NXP Semiconductors SSL4120 Datasheet HTML 6Page - NXP Semiconductors SSL4120 Datasheet HTML 7Page - NXP Semiconductors SSL4120 Datasheet HTML 8Page - NXP Semiconductors SSL4120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
2 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
2.
Features and benefits
2.1 General features
Integrated PFC and HBC controllers
Universal mains supply operation from 85 V to 305 V (AC)
High level of integration resulting in a low external component count and a cost
effective design
Enable input to enable only the PFC or both the PFC and HBC controllers
On-chip high-voltage start-up source
Stand-alone operation or IC supplied from external DC source
2.2 PFC controller features
Boundary mode operation with on-time control
Valley/zero-voltage switching for minimum switching losses
Frequency limiting to reduce switching losses
Accurate boost voltage regulation
Burst mode switching with soft-start and soft-stop
2.3 HBC controller features
Integrated high-voltage level shifter
Adjustable minimum and maximum frequency
Maximum 500 kHz half-bridge switching frequency
Adaptive non-overlap time
Burst mode switching
2.4 Protection features
Safe restart mode for system fault conditions
General latched protection input for output overvoltage protection or external
temperature protection
Protection timer for time-out and restart
Overtemperature protection
Soft (re)start for both controllers
Undervoltage protection for mains (brownout), boost, IC supply and output voltage
Overcurrent regulation and protection for both controllers
Accurate overvoltage protection for the boost voltage
Capacitive mode protection for the HBC controller
3.
Applications
The IC is used in all LED lighting applications that require very efficient, low Total
Harmonic Distortion (THD), high Power Factor (PF) and a universal mains input voltage.
The SSL4120 provides a cost-effective power supply solution between 25 W and 400 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com