Electronic Components Datasheet Search
  English  ▼

X  

SSL4120 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL4120 Datasheet HTML 1Page - NXP Semiconductors SSL4120 Datasheet HTML 2Page - NXP Semiconductors SSL4120 Datasheet HTML 3Page - NXP Semiconductors SSL4120 Datasheet HTML 4Page - NXP Semiconductors SSL4120 Datasheet HTML 5Page - NXP Semiconductors SSL4120 Datasheet HTML 6Page - NXP Semiconductors SSL4120 Datasheet HTML 7Page - NXP Semiconductors SSL4120 Datasheet HTML 8Page - NXP Semiconductors SSL4120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
4 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
SSL4120T pin configuration
,&
&2033)&
616%2267
6160$,16
5&3527
616$8;3)&
66+%&(1
616&853)&
616)%
616287
5)0$;
683,&
&)0,1
*$7(3)&
6*1'
3*1'
616&85+%&
6835(*
QF
*$7(/6
+%
QF
683+6
683+9
*$7(+6
DDD
























Table 2.
Pin description
Symbol
Pin
Description
COMPPFC
1
PFC controller frequency compensation.
Externally connected to filter
SNSMAINS
2
mains voltage sense input.
Externally connected to resistive divided mains voltage
SNSAUXPFC
3
PFC demagnetization timing sense input.
Externally connected to the PFC auxiliary winding
SNSCURPFC
4
PFC controller sense input for momentary current and soft-start.
Externally connected to current sense resistor and soft-start filter
SNSOUT
5
HBC output voltage sense input
HBC controller or PFC and HBC controllers sense input for burst
mode
Externally connected to the HBC transformer auxiliary winding
SUPIC
6
SUPIC input low-voltage supply and output of internal HV start-up source.
Externally connected to HBC transformer auxiliary winding or to the
external DC supply
GATEPFC
7
PFC MOSFET gate driver output
PGND
8
power ground. HBC low-side and PFC driver reference (ground)
SUPREG
9
regulated SUPREG IC supply; internal regulator output; input drivers.
Externally connected to SUPREG buffer capacitor
GATELS
10
HBC low-side MOSFET gate driver output
n.c.
11
not connected; high-voltage spacer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com