Electronic Components Datasheet Search
  English  ▼

X  

SSL4120 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 22Page - NXP Semiconductors SSL4120 Datasheet HTML 23Page - NXP Semiconductors SSL4120 Datasheet HTML 24Page - NXP Semiconductors SSL4120 Datasheet HTML 25Page - NXP Semiconductors SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors SSL4120 Datasheet HTML 29Page - NXP Semiconductors SSL4120 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
26 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Below the minimum frequency level, VSNSFB is clamped at Vclamp(SNSFB) = 3.2 V. This
clamp enables a fast recovery of the output voltage regulation loop after an overshoot of
the output voltage. The maximum current the clamp can deliver is Iclamp(SNSFB) =7.3 mA.
7.8.7 HBC open-loop protection, OLP-HBC (SNSFB pin)
Under normal operating conditions, the optocoupler current is between Ifmin(SNSFB) and
Ifmax(SNSFB) and pulls down the voltage at the SNSFB pin. Due to an error in the feedback
loop, the current could be less than Ifmin(SNSFB) with the HBC controller delivering
maximum output power.
The HBC controller features open-loop protection (OLP-HBC) which monitors the SNSFB
pin voltage. When VSNSFB >Volp(SNSFB), the protection timer is started. The Restart state
is activated if the OLP condition is still present after the protection time has elapsed.
7.8.8 HBC soft start (SSHBC/EN pin)
The relationship between switching frequency and output current is not constant. It
depends strongly on the output voltage VO and Vboost. This relationship can be complex.
The SSL4120 contains a soft-start function to ensure that the resonant converter starts or
restarts with safe currents. This soft-start function forces a start at such a high frequency
that the currents are acceptable under all conditions. The soft-start then slowly decreases
the frequency. Normally, output voltage regulation takes over frequency control before
soft-start reaches its minimum frequency. Limiting the output current during start-up also
limits the rate at which the output voltage rises and prevents an overshoot.
Soft-start utilizes the SSHBC/EN pin voltage. The external capacitor Css(HBC) sets the
timing of the soft-start. The SSHBC/EN pin is also used as an enable input. Soft-start
voltage levels are above the enable voltage thresholds.
Fig 14. Transfer function of feedback input
VSNSFB
0
ISNSFB
Vpu(SNSFB)
Ifmin(SNSFB)
VRFMAX
VRFMAX
0
Ifmax(SNSFB)
0
VSSHBC = 8.4 V
Iolp(SNSFB)
Volp(SNSFB)
Vfmin(SNSFB)
Vfmax(SNSFB)
Vclamp(SNSFB)
VSNSFB
Iclamp(SNSFB)
014aaa862
Vfmax(ss)(RFMAX)
Vfmax(fb)(RFMAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com