Electronic Components Datasheet Search
  English  ▼

X  

PCA6408APW Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA6408APW
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408APW Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA6408APW Datasheet HTML 12Page - NXP Semiconductors PCA6408APW Datasheet HTML 13Page - NXP Semiconductors PCA6408APW Datasheet HTML 14Page - NXP Semiconductors PCA6408APW Datasheet HTML 15Page - NXP Semiconductors PCA6408APW Datasheet HTML 16Page - NXP Semiconductors PCA6408APW Datasheet HTML 17Page - NXP Semiconductors PCA6408APW Datasheet HTML 18Page - NXP Semiconductors PCA6408APW Datasheet HTML 19Page - NXP Semiconductors PCA6408APW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
PCA6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 27 September 2012
16 of 40
NXP Semiconductors
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander
10. Limiting values
[1]
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
11. Recommended operating conditions
Table 12.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(I2C-bus)
I2C-bus supply voltage
0.5
+6.5
V
VDD(P)
supply voltage port P
0.5
+6.5
V
VI
input voltage
[1]
0.5
+6.5
V
VO
output voltage
[1]
0.5
+6.5
V
IIK
input clamping current
ADDR, RESET, SCL; VI <0V
-
20
mA
IOK
output clamping current
INT; VO <0V
-
20
mA
IIOK
input/output clamping current
P port; VO <0V orVO >VDD(P)
-
20
mA
SDA; VO <0 V orVO >VDD(I2C-bus)
-
20
mA
IOL
LOW-level output current
continuous; P port; VO = 0 V to VDD(P)
-50
mA
continuous; SDA, INT; VO = 0 V to VDD(I2C-bus)
-25
mA
IOH
HIGH-level output current
continuous; P port; VO = 0 V to VDD(P)
-25
mA
IDD
supply current
continuous through VSS
-
200
mA
IDD(P)
supply current port P
continuous through VDD(P)
-
160
mA
IDD(I2C-bus)
I2C-bus supply current
continuous through VDD(I2C-bus)
-10
mA
Tstg
storage temperature
65
+150
C
Tj(max)
maximum junction temperature
-
125
C
Table 13.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(I2C-bus) I2C-bus supply voltage
1.65
5.5
V
VDD(P)
supply voltage port P
1.65
5.5
V
VIH
HIGH-level input voltage
SCL, SDA, RESET
0.7
 V
DD(I2C-bus)
5.5
V
ADDR, P7 to P0
0.7
 V
DD(P)
5.5
V
VIL
LOW-level input voltage
SCL, SDA, RESET
0.5
0.3
 V
DD(I2C-bus)
V
ADDR, P7 to P0
0.5
0.3
 V
DD(P)
V
IOH
HIGH-level output current
P7 to P0
-
10
mA
IOL
LOW-level output current
P7 to P0
-
25
mA
Tamb
ambient temperature
operating in free air
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com