Electronic Components Datasheet Search
  English  ▼

X  

PCA6408APW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA6408APW
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408APW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA6408APW Datasheet HTML 1Page - NXP Semiconductors PCA6408APW Datasheet HTML 2Page - NXP Semiconductors PCA6408APW Datasheet HTML 3Page - NXP Semiconductors PCA6408APW Datasheet HTML 4Page - NXP Semiconductors PCA6408APW Datasheet HTML 5Page - NXP Semiconductors PCA6408APW Datasheet HTML 6Page - NXP Semiconductors PCA6408APW Datasheet HTML 7Page - NXP Semiconductors PCA6408APW Datasheet HTML 8Page - NXP Semiconductors PCA6408APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.
General description
The PCA6408A is an 8-bit general purpose I/O expander that provides remote I/O
expansion for most microcontroller families via the I2C-bus interface.
NXP I/O expanders provide a simple solution when additional I/Os are needed while
keeping interconnections to a minimum, for example, in battery-powered mobile
applications for interfacing to sensors, push buttons, keypad, etc. In addition to providing
a flexible set of GPIOs, it simplifies interconnection of a processor running at one voltage
level to I/O devices operating at a different (usually higher) voltage level. The PCA6408A
has built-in level shifting feature that makes these devices extremely flexible in mixed
signal environments where communication between incompatible I/O voltages is required.
Its wide VDD range of 1.65 V to 5.5 V on the dual power rail allows seamless
communications with next-generation low voltage microprocessors and microcontrollers
on the interface side (SDA/SCL) and peripherals at a higher voltage on the port side.
There are two supply voltages for PCA6408A: VDD(I2C-bus) and VDD(P). VDD(I2C-bus)
provides the supply voltage for the interface at the master side (for example, a
microcontroller) and the VDD(P) provides the supply for core circuits and Port P. The
bidirectional voltage level translation in the PCA6408A is provided through VDD(I2C-bus).
VDD(I2C-bus) should be connected to the VDD of the external SCL/SDA lines. This indicates
the VDD level of the I2C-bus to the PCA6408A. The voltage level on Port P of the
PCA6408A is determined by the VDD(P).
The PCA6408A consists of one 8-bit Configuration (input or output selection), Input,
Output, and Polarity Inversion (active HIGH) register. At power-on, the I/Os are configured
as inputs. However, the system master can enable the I/Os as either inputs or outputs by
writing to the I/O configuration bits. The data for each input or output is kept in the
corresponding Input or Output register. The polarity of the Input port register can be
inverted with the Polarity Inversion register, saving interrupts.
The system master can reset the PCA6408A in the event of a time-out or other improper
operation by asserting a LOW in the RESET input. The power-on reset puts the registers
in their default state and initializes the I2C-bus/SMBus state machine. The RESET pin
causes the same reset/initialization to occur without de-powering the part.
The PCA6408A open-drain interrupt (INT) output is activated when any input state differs
from its corresponding Input port register state and is used to indicate to the system
master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the PCA6408A can
remain a simple slave device.
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with
interrupt output, reset, and configuration registers
Rev. 1 — 27 September 2012
Product data sheet


Similar Part No. - PCA6408APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
PCA6416AEV NXP-PCA6416AEV Datasheet
2Mb / 42P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
PCA6416AHF NXP-PCA6416AHF Datasheet
2Mb / 42P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
PCA6416APW NXP-PCA6416APW Datasheet
2Mb / 42P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
More results

Similar Description - PCA6408APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
logo
Texas Instruments
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com