Electronic Components Datasheet Search
  English  ▼

X  

PCA6408APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA6408APW
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408APW Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA6408APW Datasheet HTML 1Page - NXP Semiconductors PCA6408APW Datasheet HTML 2Page - NXP Semiconductors PCA6408APW Datasheet HTML 3Page - NXP Semiconductors PCA6408APW Datasheet HTML 4Page - NXP Semiconductors PCA6408APW Datasheet HTML 5Page - NXP Semiconductors PCA6408APW Datasheet HTML 6Page - NXP Semiconductors PCA6408APW Datasheet HTML 7Page - NXP Semiconductors PCA6408APW Datasheet HTML 8Page - NXP Semiconductors PCA6408APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
PCA6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 27 September 2012
3 of 40
NXP Semiconductors
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander
3.
Ordering information
3.1 Ordering options
4.
Block diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA6408ABS
P8A
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
 3  0.85 mm
SOT758-1
PCA6408APW
PA6408A
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA6408AHK
P8
XQFN16
plastic, extremely thin quad flat package; no leads;
16 terminals; body 1.80
 2.60  0.50 mm
SOT1161-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
PCA6408ABS
PCA6408ABSHP
HVQFN16
Reel pack, SMD,
13-inch, Turned
6000
Tamb = 40 C to +85 C
PCA6408APW
PCA6408APW,118
TSSOP16
Reel pack, SMD,
13-inch
2500
Tamb = 40 C to +85 C
PCA6408AHK
PCA6408AHKX
XQFN16
Reel pack, SMD
4000
Tamb = 40 C to +85 C
All I/Os are set to inputs at reset.
Fig 1.
Block diagram (positive logic)
002aaf823
INT
I2C-BUS
CONTROL
INTERRUPT
LOGIC
PCA6408A
LP FILTER
ADDR
INPUT
FILTER
SHIFT
REGISTER
SDA
SCL
8 BITS
write pulse
read pulse
POWER-ON
RESET
VDD(P)
VSS
I/O
PORT
P0 to P7
RESET
VDD(I2C-bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com