Electronic Components Datasheet Search
  English  ▼

X  

PCA6408APW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA6408APW
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408APW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA6408APW Datasheet HTML 4Page - NXP Semiconductors PCA6408APW Datasheet HTML 5Page - NXP Semiconductors PCA6408APW Datasheet HTML 6Page - NXP Semiconductors PCA6408APW Datasheet HTML 7Page - NXP Semiconductors PCA6408APW Datasheet HTML 8Page - NXP Semiconductors PCA6408APW Datasheet HTML 9Page - NXP Semiconductors PCA6408APW Datasheet HTML 10Page - NXP Semiconductors PCA6408APW Datasheet HTML 11Page - NXP Semiconductors PCA6408APW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
PCA6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 27 September 2012
8 of 40
NXP Semiconductors
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander
7.4 Register descriptions
7.4.1 Input port register (00h)
The Input port register (register 0) reflects the incoming logic levels of the pins, regardless
of whether the pin is defined as an input or an output by the Configuration register. The
Input port register is read only; writes to this register have no effect. The default value ‘X’
is determined by the externally applied logic level. An Input port register read operation is
performed as described in Section 8.2 “Read commands”.
7.4.2 Output port register (01h)
The Output port register (register 1) shows the outgoing logic levels of the pins defined as
outputs by the Configuration register. Bit values in these registers have no effect on pins
defined as inputs. In turn, reads from this register reflect the value that was written to this
register, not the actual pin value.
7.4.3 Polarity inversion register (02h)
The Polarity inversion register (register 2) allows polarity inversion of pins defined as
inputs by the Configuration register. If a bit in this register is set (written with ‘1’), the
corresponding port pin’s polarity is inverted. If a bit in this register is cleared (written with a
‘0’), the corresponding port pin’s original polarity is retained.
7.4.4 Configuration register (03h)
The Configuration register (register 3) configures the direction of the I/O pins. If a bit in this
register is set to 1, the corresponding port pin is enabled as a high-impedance input. If a
bit in this register is cleared to 0, the corresponding port pin is enabled as an output.
Table 7.
Input port register (address 00h)
Bit
7
6
5
4
3
2
1
0
Symbol
I7
I6
I5
I4
I3
I2
I1
I0
Default
XX
XX
XX
XX
Table 8.
Output port register (address 01h)
Bit
7
6
5
4
3
2
1
0
Symbol
O7
O6
O5
O4
O3
O2
O1
O0
Default
11
11
11
11
Table 9.
Register 2: Polarity inversion register (address 02h)
Bit
7
6
5
4
3
2
1
0
Symbol
N7
N6
N5
N4
N3
N2
N1
N0
Default
00
00
00
00
Table 10.
Register 3: Configuration register (address 03h)
Bit
7
6
5
4
3
2
1
0
Symbol
C7
C6
C5
C4
C3
C2
C1
C0
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com