Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408APW Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCAL6408APW
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408APW Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCAL6408APW Datasheet HTML 17Page - NXP Semiconductors PCAL6408APW Datasheet HTML 18Page - NXP Semiconductors PCAL6408APW Datasheet HTML 19Page - NXP Semiconductors PCAL6408APW Datasheet HTML 20Page - NXP Semiconductors PCAL6408APW Datasheet HTML 21Page - NXP Semiconductors PCAL6408APW Datasheet HTML 22Page - NXP Semiconductors PCAL6408APW Datasheet HTML 23Page - NXP Semiconductors PCAL6408APW Datasheet HTML 24Page - NXP Semiconductors PCAL6408APW Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 December 2012
21 of 48
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
[1]
Level that VDD(P) can glitch down to with a ramp rate of 0.4 s/V, but not cause a functional disruption when tw(gl)VDD <1 s.
[2]
Glitch width that will not cause a functional disruption when
V
DD(gl) =0.5  VDD(P).
Glitches in the power supply can also affect the power-on reset performance of this
device. The glitch width (tw(gl)VDD) and glitch height (VDD(gl)) are dependent on each
other. The bypass capacitance, source impedance, and device impedance are factors that
affect power-on reset performance. Figure 19 and Table 19 provide more information on
how to measure these specifications.
VPOR is critical to the power-on reset. VPOR is the voltage level at which the reset condition
is released and all the registers and the I2C-bus/SMBus state machine are initialized to
their default states. The value of VPOR differs based on the VDD being lowered to or from
0V. Figure 20 and Table 19 provide more details on this specification.
Table 19.
Recommended supply sequencing and ramp rates
Tamb =25 C (unless otherwise noted). Not tested; specified by design.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
(dV/dt)f
fall rate of change of voltage
Figure 17
0.1
-
2000
ms
(dV/dt)r
rise rate of change of voltage
Figure 17
0.1
-
2000
ms
td(rst)
reset delay time
Figure 17; re-ramp time when
VDD(P) drops below 0.2 V or to VSS
1-
-
s
Figure 18; re-ramp time when
VDD(P) drops to VPOR(min)  50 mV
1-
-
s
V
DD(gl)
glitch supply voltage difference
Figure 19
[1] --1.0
V
tw(gl)VDD
supply voltage glitch pulse width
Figure 19
[2] --10
s
VPOR(trip)
power-on reset trip voltage
falling VDD(P)
0.7
--V
rising VDD(P)
--1.4
V
Fig 19. Glitch width and glitch height
Fig 20. Power-on reset voltage (VPOR)
002aag962
VDD(P)
time
tw(gl)VDD
∆VDD(gl)
002aag963
POR
time
VDD(P)
time
VPOR (rising VDD(P))
VPOR (falling VDD(P))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com