Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408APW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCAL6408APW
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCAL6408APW Datasheet HTML 3Page - NXP Semiconductors PCAL6408APW Datasheet HTML 4Page - NXP Semiconductors PCAL6408APW Datasheet HTML 5Page - NXP Semiconductors PCAL6408APW Datasheet HTML 6Page - NXP Semiconductors PCAL6408APW Datasheet HTML 7Page - NXP Semiconductors PCAL6408APW Datasheet HTML 8Page - NXP Semiconductors PCAL6408APW Datasheet HTML 9Page - NXP Semiconductors PCAL6408APW Datasheet HTML 10Page - NXP Semiconductors PCAL6408APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 December 2012
7 of 48
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
6.
Voltage translation
Table 4 shows how to set up VDD levels for the necessary voltage translation between the
I2C-bus and the PCAL6408A.
7.
Functional description
Refer to Figure 1 “Block diagram (positive logic)”.
7.1 Device address
The address of the PCAL6408A is shown in Figure 5.
ADDR is the hardware address package pin and is held to either HIGH (logic 1) or LOW
(logic 0) to assign one of the two possible slave addresses. The last bit of the slave
address defines the operation (read or write) to be performed. A HIGH (logic 1) selects a
read operation, while a LOW (logic 0) selects a write operation.
Table 4.
Voltage translation
VDD(I2C-bus) (SDA and SCL of I2C master)
VDD(P) (Port P)
1.8V
1.8V
1.8V
2.5V
1.8V
3.3V
1.8V
5V
2.5V
1.8V
2.5V
2.5V
2.5V
3.3V
2.5V
5V
3.3V
1.8V
3.3V
2.5V
3.3V
3.3V
3.3V
5V
5V
1.8V
5V
2.5V
5V
3.3V
5V
5V
Fig 5.
PCAL6408A address
R/W
002aaf539
0
1
0
0
0
0
AD
DR
fixed
slave address
programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com