Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408APW Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCAL6408APW
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408APW Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCAL6408APW Datasheet HTML 29Page - NXP Semiconductors PCAL6408APW Datasheet HTML 30Page - NXP Semiconductors PCAL6408APW Datasheet HTML 31Page - NXP Semiconductors PCAL6408APW Datasheet HTML 32Page - NXP Semiconductors PCAL6408APW Datasheet HTML 33Page - NXP Semiconductors PCAL6408APW Datasheet HTML 34Page - NXP Semiconductors PCAL6408APW Datasheet HTML 35Page - NXP Semiconductors PCAL6408APW Datasheet HTML 36Page - NXP Semiconductors PCAL6408APW Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 December 2012
33 of 48
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
a. Interrupt load configuration
b. Voltage waveforms
CL includes probe and jig capacitance.
All inputs are supplied by generators having the following characteristics: PRR
 10 MHz; Z
o =50 ; tr/tf  30 ns.
All parameters and waveforms are not applicable to all devices.
Fig 30. Interrupt load circuit and voltage waveforms
002aag979
DUT
CL = 100 pF
RL = 4.7 kΩ
INT
VDD(I2C-bus)
10000
AD
DR
1
A
S0
slave address
START condition
R/W
acknowledge
from slave
002aag980
8 bits (one data byte)
from port
A
acknowledge
from slave
SDA
1
no acknowledge
from master
data into
port
data from port
DATA 1
DATA 2
INT
DATA 2
DATA 1
P
STOP
condition
tv(INT)
trst(INT)
tsu(D)
12345678
SCL
9
ADDRESS
trst(INT)
A
A
View A - A
INT
Pn
tv(INT)
0.5 × VDD(I2C-bus)
0.5 × VDD(P)
View B - B
SCL
0.5 × VDD(I2C-bus)
INT
R/W
A
trst(INT)
0.3 × VDD(I2C-bus)
0.7 × VDD(I2C-bus)
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com