Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCAL6408APW
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408APW Datasheet(HTML) 3 Page - NXP Semiconductors

  PCAL6408APW Datasheet HTML 1Page - NXP Semiconductors PCAL6408APW Datasheet HTML 2Page - NXP Semiconductors PCAL6408APW Datasheet HTML 3Page - NXP Semiconductors PCAL6408APW Datasheet HTML 4Page - NXP Semiconductors PCAL6408APW Datasheet HTML 5Page - NXP Semiconductors PCAL6408APW Datasheet HTML 6Page - NXP Semiconductors PCAL6408APW Datasheet HTML 7Page - NXP Semiconductors PCAL6408APW Datasheet HTML 8Page - NXP Semiconductors PCAL6408APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 December 2012
3 of 48
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
ESD protection exceeds JESD 22
2000 V Human-Body Model (A114-A)
1000 V Charged-Device Model (C101)
Packages offered: HVQFN16, TSSOP16, XQFN16
2.1 Agile I/O features
Software backward compatible with PCA6408A with interrupts disabled at power-up
Pin-to-pin drop-in replacement for PCA6408A
Output port configuration: bank selectable push-pull or open-drain output stages
Interrupt status: read-only register identifies the source of an interrupt
Bit-wise I/O programming features:
Output drive strength: four programmable drive strengths to reduce rise and fall
times in low-capacitance applications
Input latch: Input Port register values changes are kept until the Input Port register
is read
Pull-up/pull-down enable: floating input or pull-up/pull-down resistor enable
Pull-up/pull-down selection: 100 k
 pull-up/pull-down resistor selection
Interrupt mask: mask prevents the generation of the interrupt when input changes
state to prevent spurious interrupts
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCAL6408ABS
L8A
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
 3  0.85 mm
SOT758-1
PCAL6408APW
PL6408A
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCAL6408AHK
L8
XQFN16
plastic, extremely thin quad flat package; no leads;
16 terminals; body 1.80
 2.60  0.50 mm
SOT1161-1
Table 2.
Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum order
quantity
Temperature
PCAL6408ABS
PCAL6408ABSHP
HVQFN16
Reel pack, SMD,
13-inch, turned
6000
Tamb = 40 C to +85 C
PCAL6408APW
PCAL6408APWJ
TSSOP16
Reel pack, SMD,
13-inch
2500
Tamb = 40 C to +85 C
PCAL6408AHK
PCAL6408AHKX
XQFN16
Reel pack, SMD
4000
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com