Electronic Components Datasheet Search
  English  ▼

X  

PCAL6408APW Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCAL6408APW
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408APW Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCAL6408APW Datasheet HTML 40Page - NXP Semiconductors PCAL6408APW Datasheet HTML 41Page - NXP Semiconductors PCAL6408APW Datasheet HTML 42Page - NXP Semiconductors PCAL6408APW Datasheet HTML 43Page - NXP Semiconductors PCAL6408APW Datasheet HTML 44Page - NXP Semiconductors PCAL6408APW Datasheet HTML 45Page - NXP Semiconductors PCAL6408APW Datasheet HTML 46Page - NXP Semiconductors PCAL6408APW Datasheet HTML 47Page - NXP Semiconductors PCAL6408APW Datasheet HTML 48Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 December 2012
45 of 48
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
19. Abbreviations
20. Revision history
Table 29.
Abbreviations
Acronym
Description
ESD
ElectroStatic Discharge
FET
Field-Effect Transistor
GPIO
General-Purpose Input/Output
I2C-bus
Inter-Integrated Circuit bus
I/O
Input/Output
LED
Light-Emitting Diode
LSB
Least Significant Bit
MSB
Most Significant Bit
PCB
Printed-Circuit Board
POR
Power-On Reset
SMBus
System Management Bus
Table 30.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCAL6408A v.2
20121206
Product data sheet
-
PCAL6408A v.1
Modifications:
• Table 1 “Ordering information”: added column “Topside mark”
• Table 2 “Ordering options” re-written: added orderable part number, packing method,
minimum order quantity; column “Topside mark” moved to Table 1
• Table 18 “Output port configuration register (address 47h)”: bit 0 symbol corrected from
“ODEND0” to “ODEN”
• Section 9.4 “Device current consumption with internal pull-up and pull-down resistors”,
second paragraph, first sentence corrected from “The pull-up or pull-down function is selected
in registers 48h and 49h, while the resistor is connected by the enable registers 46h and 47h.”
to “The pull-up or pull-down function is selected in register 44h, while the resistor is connected
by the enable register 43h.”
PCAL6408A v.1
20120906
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com