Electronic Components Datasheet Search
  English  ▼

X  

AD7750 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7750
Description  Product-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7750 Datasheet(HTML) 5 Page - Analog Devices

  AD7750 Datasheet HTML 1Page - Analog Devices AD7750 Datasheet HTML 2Page - Analog Devices AD7750 Datasheet HTML 3Page - Analog Devices AD7750 Datasheet HTML 4Page - Analog Devices AD7750 Datasheet HTML 5Page - Analog Devices AD7750 Datasheet HTML 6Page - Analog Devices AD7750 Datasheet HTML 7Page - Analog Devices AD7750 Datasheet HTML 8Page - Analog Devices AD7750 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7750
–5–
REV. 0
PIN CONFIGURATION
SOIC and DIP
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7750
VDD
REVP
FOUT
F2
F1
G1
V1+
V1–
ACDC
CLKIN
CLKOUT
AGND
V2+
V2–
REFOUT
REFIN
DGND
FS
S2
S1
Typical Performance Characteristics
50Hz RIPPLE – V rms
140
0
0
0.8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
120
80
60
40
20
100
AS PER DATA SHEET
CONDITIONS WITH
GAIN = 1
Figure 1. PSR as a Function of VDD 50 Hz Ripple
LINE FREQUENCY – Hz
0.6
–0.8
45
53
46
47
48
49
50
51
52
0.4
0
–0.2
–0.4
–0.6
0.2
54
55
Figure 2. Phase Error as a Function of Line Frequency
50Hz RIPPLE – V rms
120
0
0.08
0.01
0.02
0.03
0.04
0.05
0.06
0.07
100
60
40
20
0
80
AS PER DATA SHEET
CONDITIONS WITH
GAIN = 16
0.09
Figure 3. PSR as a Function of VDD 50 Hz Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com