Electronic Components Datasheet Search
  English  ▼

X  

AD7750 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7750
Description  Product-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7750 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7750 Datasheet HTML 8Page - Analog Devices AD7750 Datasheet HTML 9Page - Analog Devices AD7750 Datasheet HTML 10Page - Analog Devices AD7750 Datasheet HTML 11Page - Analog Devices AD7750 Datasheet HTML 12Page - Analog Devices AD7750 Datasheet HTML 13Page - Analog Devices AD7750 Datasheet HTML 14Page - Analog Devices AD7750 Datasheet HTML 15Page - Analog Devices AD7750 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7750
–12–
REV. 0
1See IEC 1036 2nd Edition 1996-09 Section 3.5.1.1.
The high frequency FOUT output is intended to be used for
communications (via IR LED) and calibration purposes. FOUT
produces a 90 ms wide pulse at a frequency that is proportional
to the product of Channel 1 and Channel 2 or the instanta-
neous voltage on Channel 1 or Channel 2. The output fre-
quencies are given in Table I in the Determining the Output
Frequencies of the AD7750 section of this data sheet. As in
the case of F1 and F2, if the period of FOUT falls below 180 ms,
the FOUT pulsewidth is set to half the period. For example, if the
FOUT frequency is 20 Hz, the FOUT pulsewidth is 25 ms.
F1
F2
FOUT
t1
VDD
0V
VDD
VDD
0V
0V
t6
t2
t3
t4
t5
Figure 18. Timing Diagram for Frequency Outputs
VOLTAGE REFERENCE
The AD7750 has an on-chip temperature compensated band-
gap voltage reference of 2.5 V with a tolerance of
±250 mV.
The temperature drift for the reference is specified at 50 ppm/
°C.
It should be noted that this reference variation will cause a
frequency output variation from device to device for a given set
of input signals. This should not be a problem in most applica-
tions since it is a straight gain error that can easily be removed
at the calibration stage.
REVERSE POLARITY INDICATOR
When the AD7750 is operated in a Magnitude Only mode of
operation (i.e., Modes 1, 2, 5 and 6), and the polarity of the
power changes, the logic output REVP will go high. However,
the REVP pin is only activated when the there is pulse output
on F1 or F2. Therefore, if the power being measured is low, it may
be some time before the REVP pin goes logic high even though the
polarity of the power is reversed. Once activated the REVP output
will remain high until the AD7750 is powered down.
APPLICATIONS INFORMATION
Designing a Single Phase Class 1 Energy Meter (IEC 1036)
The AD7750 Product-to-Frequency Converter is designed for
use in a wide range of power metering applications. In a typical
power meter two parameters are measured (i.e., line voltage and
current) and their product obtained. The real power is then
obtained by low-pass filtering this product result. The line
voltage can be measured through a resistor divider or voltage
transformer, and the current can be sensed and converted to
a voltage through a shunt resistor, current transformer or hall
effect device.
The design methodology used in the following example is to use
the upper end of the current channel dynamic range, i.e., Chan-
nel 1 of the AD7750. The assumption here is that the signal on
the voltage channel will remain relatively constant while the
signal on the current channel will vary with load. Using the
upper end of the dynamic range of Channel 1 will improve the
meter accuracy with small load currents. Hence an error of less
than 1% from 4% Ib to 400% Ib will be easier to achieve.
We will assume the design of a Class 1 meter. The specification
(IEC1036) requires that the meter have an error of no greater
than 1% over the range 4% Ib to 400% Ib (IMAX), where Ib is
the basic current
1. In addition, we will design a meter that ac-
commodates signals with a crest factor of 2. The crest factor is
the ratio of VPEAK/V rms. A pure sinusoidal waveform has a crest
of sqrt(2) = 1.414 and an undistorted triangular waveform has a
crest factor of sqrt(3) = 1.73. Using a gain of 1 on Channel 1
the maximum differential signal which can be applied to Chan-
nel 1 is
±2 V—See Analog Input Ranges section. With a crest
factor of 2 the maximum rms signal on Channel 1 is, therefore,
1 V rms (equivalent to IMAX). The smallest signal (4% Ib) ap-
pearing on Channel 1 is therefore 10 mV rms.
Load Current
Channel 1
4% Ib
10 mV rms
Ib
250 mV rms
400 Ib
1 V rms
2
0. 2
0. 02
0. 002
1
0.01
400% Ib
4% Ib
Figure 19. Use the Upper End of the Dynamic Range of
Channel 1 (Current)
Calculations for a 100 PPKWHR Meter
The AD7750 offers a range of maximum output frequencies—
see Table I and Table II. In the Magnitude Only modes of
operation the two maximum output frequencies are 1.45 Hz
and 2.9 Hz. The signal on the voltage channel (Channel 2) is
scaled to achieve the correct output pulse frequency for a given
load (e.g., 100 PPKWHR). The relationship between the input
signals and the output frequency is given by the equation:
Freq = k
× F
MAX
where k = (1.32
× V
1
× V
2
× Gain)/V
REF
2
FMAX = 6.8 Hz or 13.6 Hz depending on the mode—see Table
I, Gain is the gain of Channel 1, V1 and V2 are the differential
voltages on Channels 1 and 2 and VREF is the reference voltage
(2.5 V
± 8%).
To design a 100 PPKWHR meter with Ib = 15 A rms and a line
voltage of 220 V rms the output pulse frequency with a load
current of Ib is 0.0916 Hz (See Calculation 1 below).
Therefore, 0.0916 Hz = k
× 6.8 Hz (Mode 2) or k = 0.01347.
With a load current of Ib the signal on Channel 1 (V1) is equal
to 0.25 V rms (remember 400% Ib = 1 V rms) and, therefore,
the signal on Channel 2 (V2) is equal to 0.255 V rms (See Calcula-
tion 2). This means that the nominal line voltage (220 V rms)
needs to be attenuated by approximately 860, i.e., 220/0.255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com