Electronic Components Datasheet Search
  English  ▼

X  

AD7750 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7750
Description  Product-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7750 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7750 Datasheet HTML 8Page - Analog Devices AD7750 Datasheet HTML 9Page - Analog Devices AD7750 Datasheet HTML 10Page - Analog Devices AD7750 Datasheet HTML 11Page - Analog Devices AD7750 Datasheet HTML 12Page - Analog Devices AD7750 Datasheet HTML 13Page - Analog Devices AD7750 Datasheet HTML 14Page - Analog Devices AD7750 Datasheet HTML 15Page - Analog Devices AD7750 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7750
–15–
REV. 0
Table III. Components for Suggested Class 1 Meter Implementation in Figure 21
Schematic
Designator
Description
Comments
R1
470
Ω, 5%, 1 W
R2
1 k
Ω, 5%, 1/2 W
R3, R4,
100
Ω, 10%, 1/2 W
These registers are required to form part of the antialiasing filtering on the analog inputs;
R7
1 k
Ω, 10%, 1/2 W
they do not perform a voltage-to-current conversion.
R5
1 M
Ω, 5%, 2 W
The choice of R5 determines the attenuation on the voltage channels and hence the meter
rating, e.g., 100 PPKWHR.
R6
1.1 k
Ω, 5%, 1/2 W
Forms part of the Gain Calibration network with R5 and VR1.
R8, R9
500
Ω, 10%, 1/2 W
VR1
100
Ω, 10/15 Turn
This potentiometer is used to perform the Gain Calibration of the meter. Attenuation of
830 to 900—see Applications section.
C1
470 nF, 250 V ac
C2
100
µF, 24 V dc
C3, C4
33 pF
C5, C6,
330 nF
Forms part of the antialiasing filters on the analog inputs.
C9, C10
33 nF
C7, C11
10
µF, 10 V
C8, C12
10 nF
Z1
1N750
D1, D2
1N4007
D3
LED
D4, D5
IR LEDS
XTAL
3.579545 MHz
MOV
V250PA40A
Metal Oxide Varistor–Harris Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com