Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 5 Page - Analog Devices

  AD7776 Datasheet HTML 1Page - Analog Devices AD7776 Datasheet HTML 2Page - Analog Devices AD7776 Datasheet HTML 3Page - Analog Devices AD7776 Datasheet HTML 4Page - Analog Devices AD7776 Datasheet HTML 5Page - Analog Devices AD7776 Datasheet HTML 6Page - Analog Devices AD7776 Datasheet HTML 7Page - Analog Devices AD7776 Datasheet HTML 8Page - Analog Devices AD7776 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7776/AD7777/AD7778
–5–
REV. 0
PIN FUNCTION DESCRIPTION
Mnemonic
Description
VCC
+5 V Power Supply.
AGND
Analog Ground.
DGND
Digital Ground. Ground reference for digital circuitry.
DB0–DB9
Input/Output Data Bus. This is a bidirectional data port from which ADC output data may be read and to which
control register data may be written.
BUSY/INT
Busy/Interrupt Output. Active low logic output indicating A/D converter status. This logic output has two modes
of operation depending on whether location CR9 of the control register has been set low or high:
If CR9 is set low, then the
BUSY/INT output will behave as a BUSY signal. The BUSY signal will go low and stay
low for the duration of a single conversion, or if simultaneous sampling has been selected,
BUSY will stay low for
the duration of both conversions.
If CR9 is set high, then the
BUSY/INT output behaves as an INTERRUPT signal. The INT signal will go low
and remain low after either a single conversion is completed or after a double conversion is completed if simulta-
neous sampling has been selected. With CR9 high, the falling edge of
WR or RD resets the INT line high.
CS
Chip Select Input. The device is selected when this input is low.
WR
Write Input (Active Low). It is used in conjunction with
CS to write data to the control register. Data is latched to the
registers on the rising edge of
WR. Following the rising edge of WR, the analog input is acquired and a conversion is
started.
RD
Read Input (Active Low). It is used in conjunction with
CS to enable the data outputs from the ADC registers.
AIN1–8
Analog Inputs 1–8. The analog input range is VBIAS ± VSWING where VBIAS and VSWING are defined by the reference
voltage applied to REFIN. Input resistance between any of the analog input pins and AGND is 10 k
Ω or greater.
REFIN
Voltage Reference Input. The AD7776/AD7777/AD7778 are specified over a voltage reference range of 1.9 V to 2.1 V
with a nominal value of 2.0 V. This REFIN voltage provides the VBIAS and VSWING levels for the input channel(s).
VBIAS is equal to REFIN and VSWING is nominally equal to REFIN/2. Input resistance between this REFIN pin and
AGND is 10 k
Ω or greater.
REFOUT
Voltage Reference Output. The internal voltage reference, which is nominally 2.0 V and can be used to provide the
bias voltage (VBIAS) for the input channel(s), is provided at this pin.
CREFIN
Reference Decoupling Capacitor. A 10 nF capacitor must be connected from this pin to AGND to ensure correct
operation of the high speed ADC.
RTN
Signal Return Path for the input channel(s). Normally RTN is connected to AGND at the package.
CIRCUIT DESCRIPTION
ADC Transfer Function
For all versions, an input signal of the form VBIAS
± V
SWING is
expected. This VBIAS signal level operates as a pseudo ground to
which all input signals must be referred. The VBIAS level is de-
termined by the voltage applied to the REFIN pin. This can be
driven by an external voltage source or, alternatively, the on-
board 2 V reference, available at REFOUT, can be used. The
magnitude of the input signal swing is equal to VBIAS/2 (or
REFIN/2) and is set internally. With a REFIN of 2 V, the analog
input signal level varies from 1 V up to 3 V i.e., 2
± 1 V. Fig-
ure 5 shows the transfer function of the ADC and its relation-
ship to VBIAS and VSWING. The half-scale twos complement code
of the ADC, 000 Hex (00 0000 0000 Binary), occurs at an input
voltage equal to VBIAS. The input full-scale range of the ADC is
equal to 2 VSWING, so that the Plus Full-Scale transition (1FE to
1FF) occurs at a voltage equal to VBIAS + VSWING – 1.5 LSBs
and the minus full-scale code transition (200 to 201) occurs at
a voltage VBIAS – VSWING + 0.5 LSBs.
ADC
OUTPUT
CODE
(HEX)
1FF
1FE
202
201
200
000
VBIAS–VSWING
VBIAS
VBIAS+VSWING
ANALOG INPUT, VIN
Figure 5. ADC Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com