Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 3 Page - Analog Devices

  AD7776 Datasheet HTML 1Page - Analog Devices AD7776 Datasheet HTML 2Page - Analog Devices AD7776 Datasheet HTML 3Page - Analog Devices AD7776 Datasheet HTML 4Page - Analog Devices AD7776 Datasheet HTML 5Page - Analog Devices AD7776 Datasheet HTML 6Page - Analog Devices AD7776 Datasheet HTML 7Page - Analog Devices AD7776 Datasheet HTML 8Page - Analog Devices AD7776 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7776/AD7777/AD7778
–3–
REV. 0
TIMING SPECIFICATIONS1, 2(V
CC = +5 V
5%; AGND = DGND = 0 V; all specifications TMIN to TMAX unless otherwise noted.)
t
3
t
11
t
10
t
9
t
8
FIRST
CONVERSION
FINISHED
(CR6 = 0)
SECOND
CONVERSION
FINISHED (CR6 = 1)
AD7777/AD7778 ONLY
t
9
BUSY
(CR8 = 0)
INT
(CR8 = 1)
t
10
WR, RD
Figure 3. BUSY/INT Timing
IOL
1.6mA
+2.1V
IOH
200
µA
COUT
100pF
DB n
Figure 4. Load Circuit for Bus Timing Characteristics
t1
CS
t2
t4
t5
RD
DB0–DB9
Figure 1. Read Cycle Timing
t1
CS
t2
t6
WR
DB0–DB9
t3
t7
Figure 2. Write Cycle Timing
Parameter
Label
Limit at TMIN to TMAX Units
Test Conditions/Comments
INTERFACE TIMING
CS Falling Edge to WR or RD Falling Edge
t1
0
ns min
WR or RD Rising Edge to CS Rising Edge
t2
0
ns min
WR Pulse Width
t3
53
ns min
CS or RD Active to Valid Data
3
t4
60
ns max
Timed from Whichever Occurs Last
Bus Relinquish Time after
RD
4
t5
10
ns min
45
ns max
Data Valid to
WR Rising Edge
t6
55
ns min
Data Valid after
WR Rising Edge
t7
10
ns min
WR Rising Edge to BUSY Falling Edge
t8
1.5 tCLKIN
ns min
CR9 = 0
2.5 tCLKIN + 70
ns max
WR Rising Edge to BUSY Rising Edge or
INT Falling Edge
t9
19.5 tCLKIN + 70
ns max
Single Conversion, CR6 = 0
t10
33.5 tCLKIN + 70
ns max
Double Conversion, CR6 = 1
WR or RD Falling Edge to INT Rising Edge
t11
60
ns max
CR9 = 1
NOTES
1See Figures 1 to 3.
2Timing specifications in bold print are 100% production tested. All other times are guaranteed by design, not production tested. All input signals are specified with
tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
3t
4 is measured with the load circuit of Figure 4 and defined as the time required for an output to cross 0.8 V or 2.4 V.
4t
5 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 4. The measured time is then extrapolated back
to remove the effects of charging or discharging the 100 pF capacitor. This means that the time t 5 quoted above is the true bus relinquish time of the device and, as
such, is independent of the external bus loading capacitance.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com