Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7776 Datasheet HTML 4Page - Analog Devices AD7776 Datasheet HTML 5Page - Analog Devices AD7776 Datasheet HTML 6Page - Analog Devices AD7776 Datasheet HTML 7Page - Analog Devices AD7776 Datasheet HTML 8Page - Analog Devices AD7776 Datasheet HTML 9Page - Analog Devices AD7776 Datasheet HTML 10Page - Analog Devices AD7776 Datasheet HTML 11Page - Analog Devices AD7776 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7776/AD7777/AD7778
–9–
REV. 0
Table I. AD7776/AD7777/AD7778 Truth Table for Microprocessor Interfacing
CS
RD
WR
DB0–DB9
Function/Comments
1
X*
X*
High Z
Data Port High Impedance
01
j
CR Data
Load control register (CR) data to control register and start a conversion.
0
k
1
ADC Data
ADC data placed on data bus. Depending upon location CR6 of the control register, one or two
Read instructions will be required.
If CR6 is low, i.e., single channel conversion selected, a read instruction returns the contents of
ADCREG1. Succeeding read instructions continue to return the contents of ADCREG1.
If CR6 is high, i.e., simultaneous sampling (double conversion) selected, the first read instruction
returns the contents of ADCREG1 while the second read instruction returns the contents of
ADCREG2. A third read instruction returns ADCREG1 again, the fourth ADCREG2, etc.
*X = Don’t Care
DESIGN INFORMATION
Layout Hints
Ensure that the layout for the printed circuit board has the digi-
tal and analog grounds separated as much as possible. Take care
not to run any digital track alongside an analog signal track.
Guard (screen) the analog input(s) with RTN.
Establish a single point analog ground separate from the logic
system ground and as close as possible to the AD7776/AD7777/
AD7778. Both the RTN and AGND pins on the AD7776/
AD7777/AD7778 and all other signal grounds should be con-
nected to this single point analog ground. In turn, this star
ground should be connected to the digital ground at one point
only—preferably at the low impedance power supply itself.
Low impedance analog and digital power supply common re-
turns are important for correct operation of the devices, so make
the foil width for these tracks as wide as possible.
In order to ensure a low impedance +5 V power supply at the
actual VCC pin, it will be necessary to employ bypass capacitors
from the pin itself to DGND. A 4.7
µF tantalum capacitor in
parallel with a 0.1
µF ceramic capacitor is sufficient.
ADC Corruption
Executing a read instruction to the AD7776/AD7777/AD7778
while a conversion is in progress will immediately halt the con-
version and return invalid data over the data bus. The
BUSY/
INT output pin should be monitored closely and all read in-
structions to the AD7776/AD7777/AD7778 prevented while
this output shows that a conversion is in progress.
Executing a write instruction to the AD7776/AD7777/AD7778
while a conversion is in progress immediately halts the conver-
sion, the falling edge of
WR driving the BUSY/INT output high.
The analog input(s) is sampled as normal and a new conversion
sequence (dependent upon CR6) is started.
ADC Conversion Time
Although each conversion takes only 14 CLKIN cycles, it can
take between 4.5 to 5.5 CLKIN cycles to acquire the analog
input(s) after the
WR input goes high and before any conver-
sions start.
TERMINOLOGY
Relative Accuracy
For the AD7776, AD7777 and AD7778, relative accuracy or
endpoint nonlinearity is the maximum deviation, in LSBs, of the
ADC’s actual code transition points from a straight line drawn
between the endpoints of the ADC transfer function.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified maximum differential nonlinearity of
±1 LSB
ensures no missed codes.
Bias Offset Error
For an ideal 10-bit ADC, the output code for an input voltage
equal to VBIAS should be midscale. The bias offset error is the
difference between the actual midpoint voltage for midscale
code and VBIAS, expressed in LSBs.
Bias Offset Error Match
This is a measure of how closely the bias offset errors of all
channels track each other. The bias offset error match of any
channel must be no further away than 10 LSBs from the bias
offset error of any other channel, regardless of whether the
channels are independently sampled or simultaneously sampled.
Plus and Minus Full-Scale Error
The input channels of the ADC can be considered to have
bipolar (positive and negative) input ranges, but which are re-
ferred to VBIAS (or REFIN) instead of AGND. Positive full-scale
error for the ADC is the difference between the actual input
voltage required to produce the plus full-scale code transition
and the ideal input voltage (VBIAS + VSWING –1.5 LSB), ex-
pressed in LSBs. Minus full-scale error is similarly specified for
the minus full-scale code transition, relative to the ideal input
voltage for this transition (VBIAS – VSWING + 0.5 LSB). Note that
the full-scale errors for the ADC input channels are measured
after their respective bias offset errors have been adjusted out.
Plus and Minus Full-Scale Error Match
This is a measure of how closely the full-scale errors of all chan-
nels track each other. The full-scale error match of any channel
must be no further away than 10 LSBs from the respective full-
scale error of any other channel, regardless of whether the chan-
nels are independently sampled or simultaneously sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com