Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 1 Page - Analog Devices

  AD7776 Datasheet HTML 1Page - Analog Devices AD7776 Datasheet HTML 2Page - Analog Devices AD7776 Datasheet HTML 3Page - Analog Devices AD7776 Datasheet HTML 4Page - Analog Devices AD7776 Datasheet HTML 5Page - Analog Devices AD7776 Datasheet HTML 6Page - Analog Devices AD7776 Datasheet HTML 7Page - Analog Devices AD7776 Datasheet HTML 8Page - Analog Devices AD7776 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS, High Speed
1-, 4- & 8-Channel 10-Bit ADCs
AD7776/AD7777/AD7778*
FUNCTIONAL BLOCK DIAGRAMS
CS
RD WR BUSY/INT
AGND
DB0–DB9
AD7776
10
DGND
CLKIN
10
CONTROL
REGISTER
ADCREG1
T/H
REFOUT
REFIN
REF
AGND
CREFIN
RTN
VSWING
VBIAS
AIN1
MUX
REFIN
10-BIT
ADC
CONTROL LOGIC
VCC
AGND
DB0–DB9
AD7777
10
CONTROL
REGISTER
DGND
CLKIN
10
ADCREG2
ADCREG1
T/H
1
REFOUT
REFIN
REF
AGND
CREFIN
VSWING
VBIAS
AIN1
AIN2
AIN3
AIN4
MUX
1
REFIN
T/H
2
MUX
2
10-BIT
ADC
CONTROL LOGIC
VCC
RTN
AGND
DB0–DB9
AD7778
10
CONTROL
REGISTER
DGND
CLKIN
CS
RD WR BUSY/INT
10
ADCREG2
ADCREG1
T/H
1
REFOUT
REFIN
REF
AGND
CREFIN
VSWING
VBIAS
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
MUX
1
REFIN
T/H
2
MUX
2
10-BIT
ADC
CONTROL LOGIC
VCC
RTN
FEATURES
AD7776: Single Channel
AD7777: 4-Channel
AD7778: 8-Channel
Fast 10-Bit ADC: 2.5
s Worst Case
+5 V Only
Half-Scale Conversion Option
Fast Interface Port
Power-Down Mode
APPLICATIONS
HDD Servos
Instrumentation
GENERAL DESCRIPTION
The AD7776, AD7777 and AD7778 are a family of high speed,
multichannel, 10-bit ADCs primarily intended for use in R/W
head positioning servos found in high density hard disk drives.
They have unique input signal conditioning features that make
them ideal for use in such single supply applications.
By setting a bit in a control register within both the four-channel
version, AD7777, and the eight-channel version, AD7778, the
input channels can either be independently sampled or any two
channels of choice can be simultaneously sampled. For all ver-
sions the specified input signal range is of the form VBIAS
±
VSWING. However, if the RTN pin is biased at, say, 2 V the
analog input signal range becomes 0 V to +2 V for all input
channels. This is covered in more detail under the section
Changing the Analog Input Voltage Range. The voltage VBIAS
is the offset of the ADC’s midpoint code from ground and is
supplied either by an onboard reference available to the user
(REFOUT) or by an external voltage reference applied to
REFIN. The full-scale range (FSR) of the ADC is equal to
2 VSWING where VSWING is nominally equal to REFIN/2. Addi-
tionally, when placed in the half-scale conversion mode, the
value of REFIN is converted. This allows the channel offset(s)
to be measured.
Control register loading and ADC register reading, channel se-
lect and conversion start are under the control of the
µP. The
twos complemented coded ADCs are easily interfaced to a stan-
dard 16-bit MPU bus via their 10-bit data port and standard
microprocessor control lines.
The AD7776/AD7777/AD7778 are fabricated in linear compat-
ible CMOS (LC
2MOS), an advanced, mixed technology process
that combines precision bipolar circuits with low power CMOS
logic. The AD7776 is available in a 24-pin SOIC package; the
AD7777 is available in both 28-pin DIP and 28-pin SOIC pack-
ages; the AD7778 is available in a 44-pin PQFP package.
*Protected by U.S. Patent No. 4,990,916.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - AD7776

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7776 AD-AD7776_15 Datasheet
550Kb / 12P
LC MOS High Speed 1. 4 nad 8 Channel 10 Bit ADCs
REV. A
More results

Similar Description - AD7776

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
1/03-Data Sheet changed from REV. E to REV. F.
AD7884 AD-AD7884 Datasheet
319Kb / 16P
LC2MOS 16-Bit, High Speed Sampling ADCs
REV.C
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776_15 Datasheet
550Kb / 12P
LC MOS High Speed 1. 4 nad 8 Channel 10 Bit ADCs
REV. A
AD7777 AD-AD7777_15 Datasheet
550Kb / 12P
LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com