Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 4 Page - Analog Devices

  AD7776 Datasheet HTML 1Page - Analog Devices AD7776 Datasheet HTML 2Page - Analog Devices AD7776 Datasheet HTML 3Page - Analog Devices AD7776 Datasheet HTML 4Page - Analog Devices AD7776 Datasheet HTML 5Page - Analog Devices AD7776 Datasheet HTML 6Page - Analog Devices AD7776 Datasheet HTML 7Page - Analog Devices AD7776 Datasheet HTML 8Page - Analog Devices AD7776 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7776/AD7777/AD7778
–4–
REV. 0
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC to AGND or DGND . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
AGND, RTN to DGND . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
CS, RD, WR, CLKIN, DB0–DB9,
BUSY/INT to DGND . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
Analog Input Voltage to AGND . . . . . . . –0.3 V, VCC + 0.3 V
REFOUT to AGND . . . . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
REFIN to AGND . . . . . . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
Operating Temperature Range
All Versions . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
DIP Package, Power Dissipation . . . . . . . . . . . . . . . . 875 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . +260
°C
SOIC Packages, Power Dissipation . . . . . . . . . . . . . . 875 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
PQFP Package, Power Dissipation . . . . . . . . . . . . . . 500 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATIONS
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7776/AD7777/AD7778 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
24-Pin SOIC
1
2
24
23
22
10
15
11
12
14
13
21
20
18
17
16
19
9
3
4
5
TOP VIEW
(Not to Scale)
7
8
6
AD7776
DB2
DB3
DGND
DB4
DB5
DB6
DB7
DB1
DB0
CREFIN
AGND
RTN
REFIN
AIN
AGND
REFOUT
VCC
DB8
(MSB) DB9
CLKIN
BUSY/INT
RD
WR
CS
28-Pin DIP & SOIC
1
2
24
23
22
10
15
11
12
14
13
21
20
17
16
9
3
4
5
7
8
6
18
19
TOP VIEW
(Not to Scale)
28
27
26
25
AD7777
NC
NC = NO CONNECT
DB2
DB3
DGND
DB4
DB5
DB6
DB7
DB1
DB0
DB8
(MSB) DB9
BUSY/INT
CREFIN
AGND
RTN
REFIN
AGND
REFOUT
VCC
CLKIN
RD
WR
CS
AIN4
AIN3
AIN2
AIN1
ORDERING GUIDE
Temperature
No. of
Package
Model
Range
Channels
Option
1
AD7776AR2
–40
°C to +85°C
1
R-24
AD7777AN
–40
°C to +85°C
4
N-28
AD7777AR
2
–40
°C to +85°C
4
R-28
AD7778AS2
–40
°C to +85°C
8
S-44
NOTES
1R = SOIC, N = Plastic DIP, S = PQFP.
2Analog Devices reserves the right to ship devices branded with a J in place of
the A, e.g., AD7776JR instead of AD7776AR. Temperature range remains
–40
°C to +85°C.
44-Pin PQFP
7
8
9
10
11
6
5
4
3
2
1
33
32
31
30
29
28
27
26
25
24
23
18
19
20
21
22
17
16
15
14
13
12
39
38
37
36
35
34
44
43
42
41
40
TOP VIEW
(Not to Scale)
AD7778
NC
NC
NC
NC
DB2
DB3
DGND
DB4
DB5
DB6
DB7
AIN8
AIN7
AIN6
AIN5
AIN4
AIN3
AIN2
AIN1
AGND
REFOUT
VCC
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com