Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7776 Datasheet HTML 4Page - Analog Devices AD7776 Datasheet HTML 5Page - Analog Devices AD7776 Datasheet HTML 6Page - Analog Devices AD7776 Datasheet HTML 7Page - Analog Devices AD7776 Datasheet HTML 8Page - Analog Devices AD7776 Datasheet HTML 9Page - Analog Devices AD7776 Datasheet HTML 10Page - Analog Devices AD7776 Datasheet HTML 11Page - Analog Devices AD7776 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7776/AD7777/AD7778
–8–
REV. 0
Microprocessor Interfacing Circuits
The AD7776/AD7777/AD7778 family of ADCs is intended to
interface to DSP machines such as the ADSP-2101, ADSP-2105,
the TMS320 family and microcontrollers such as the 80C196
family.
Figure 7 shows the AD7776/AD7777/AD7778 interfaced to the
TMS320C10 @ 20.5 MHz and the TMS320C14 @ 25 MHz.
Figure 8 shows the interface with the TMS320C25 @ 40 MHz.
Note that one wait state is required with this interface. The
ADSP-2101-50 and the ADSP-2105-40 interface is shown in
Figure 9. One wait state is required with either of these machines.
* ADDITIONAL PINS OMITTED FOR CLARITY
ADDR
DECODE
ADDRESS BUS
DATA BUS
D15–D0
TMS320C10-20.5
TMS320C14-25
A11–A0
WE
(C10) DEN
(C14) REN
CS
DB9–DB0
AD7776/7/8*
RD
WR
Figure 7. AD7776/AD7777/AD7778 to TMS320C10 and
TMS320C14 Interface
ADDRESS BUS
DATA BUS
* ADDITIONAL PINS OMITTED FOR CLARITY
CS
DB9–DB0
AD7776/7/8*
RD
WR
ADDR
DECODE
D15–D0
A15–A0
IS
READY
MSC
STRB
R/W
TMS320C25-40
Figure 8. AD7776/AD7777/AD7778 to TMS320C25 Interface
Figure 10 shows the interface with the 80C196KB @ 12 MHz
and the 80C196KC @ 16 MHz. One wait state is required with
the 16 MHz machine. The 80C196 is configured to operate
with a 16-bit multiplexed address/data bus.
Table I gives a truth table for the AD7776/AD7777/AD7778
and summarizes their microprocessor interfacing features. Note
that a read instruction to any of the devices while a conversation
is in progress will immediately stop that conversion and return
unreliable data over the data bus.
* ADDITIONAL PINS OMITTED FOR CLARITY
ADDRESS BUS
DATA BUS
CS
DB9–DB0
AD7776/7/8*
RD
WR
D23–D6
A13–A0
WR
RD
DMS
ADSP-2101-50
ADSP-2105-40
ADDR
DECODE
EN
Figure 9. AD7776/AD7777/AD7778 to ADSP-2101 and
ADSP-2105 Interface
* ADDITIONAL PINS OMITTED FOR CLARITY
DATA BUS (10)
CS
DB9–DB0
AD7776/7/8*
RD
WR
ADDR
DECODER
'373
LATCH
ADDRESS BUS
AD7–AD0
(PORT 3)
AD15–AD6
(PORT 4)
WR
RD
80C196KB-12
80C196KC-16
ALE
Figure 10. AD7776/AD7777/AD7778 to 80C196 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com