Electronic Components Datasheet Search
  English  ▼

X  

AD8018 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8018 Datasheet HTML 2Page - Analog Devices AD8018 Datasheet HTML 3Page - Analog Devices AD8018 Datasheet HTML 4Page - Analog Devices AD8018 Datasheet HTML 5Page - Analog Devices AD8018 Datasheet HTML 6Page - Analog Devices AD8018 Datasheet HTML 7Page - Analog Devices AD8018 Datasheet HTML 8Page - Analog Devices AD8018 Datasheet HTML 9Page - Analog Devices AD8018 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
REV. 0
AD8018
–6–
500
500
500
500
25
AD8138
50
500
750
750
6V
6V
VS
VS
10 F0.1 F
220 F
0.1 F
RL
VSIGIN
6V
0.1 F
6V
0.1 F
7.96k
7.96k
402
402
50
OUT
100
100
AD8018
1/2
AD8018
1/2
AD9632
0.1 F
10 F0.1 F
TPC 13. Differential Test Circuit
FREQUENCY – MHz
–110
0.01
0.1
–100
–90
–80
–70
–60
1.0
3RD HARMONIC
2ND HARMONIC
VOUT = 6V p–p
RL = 10
VS =
2.5V
PWDN 1,0 = 1,1
TPC 14. Differential Distortion vs. Frequency
PEAK OUTPUT CURRENT – mA
–110
200
2ND HARMONIC
300
400
500
600
700
800
–100
–90
–80
–70
–60
–50
3RD HARMONIC
VS = 2.5V
RL = 3
G = 4
fO = 100kHz
PWDN 1,0 = 1,1
TPC 15. Differential Distortion vs. Peak Output Current
LOAD RESISTANCE –
–110
510
100
–100
–90
–80
–70
–60
3RD HARMONIC
2ND HARMONIC
VS = 2.5V
G = 4
fO = 100kHz
VOUT = 6V p–p
TPC 16. Differential Distortion vs. RLOAD
OUTPUT VOLTAGE – Volts
–110
3
45
6
7
8
–100
–90
–80
–70
–60
3RD HARMONIC
2ND HARMONIC
VS = 2.5V
RL = 10
G = 4
fO = 100kHz
PWDN 1,0 = 1,1
TPC 17. Differential Distortion vs. Peak-to-Peak Output
Voltage
OUTPUT VOLTAGE – Volts
–110
3
3RD HARMONIC
45
6
7
8
–100
–90
–80
–70
–60
2ND HARMONIC
VS = 2.5V
RL = 10
G = 4
fO = 100kHz
PWDN 1,0 = 1,0 or 0,1
TPC 18. Differential Distortion vs. Peak-to-Peak Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com