Electronic Components Datasheet Search
  English  ▼

X  

AD8018 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8018 Datasheet HTML 11Page - Analog Devices AD8018 Datasheet HTML 12Page - Analog Devices AD8018 Datasheet HTML 13Page - Analog Devices AD8018 Datasheet HTML 14Page - Analog Devices AD8018 Datasheet HTML 15Page - Analog Devices AD8018 Datasheet HTML 16Page - Analog Devices AD8018 Datasheet HTML 17Page - Analog Devices AD8018 Datasheet HTML 18Page - Analog Devices AD8018 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
REV. 0
AD8018
–18–
EVALUATION BOARD—BILL OF MATERIALS
Qty.
Description
Vendor
Ref Desc.
2
1,000 pF 50 V. 1206 ceramic chip capacitor
ADS # 4-5-20
C22, 27
2
0.01
µF 50 V. 1206 ceramic chip capacitor
ADS # 4-5-19
C15, 23
5
0.1
µF 50 V. 1206 size ceramic chip capacitor
ADS # 4-5-18
C5, 20, 24 -26
2
1.0
µF 16 V. 1206 size ceramic chip capacitor
Newark # 83F6841
C8, 10
4
# 26 red (solid) wire jumper
ADS # 10-14-3
C4, 6, 7, 9
3
10
µF 16 V. ‘C’ size Tantalum chip capacitor
ADS # 4-7-6
C14, 17, 19
1
Ferrite bead (with # 22 wire)
ADS # 48-1-1
L5
1
10
Ω 5% 3.0 W. metal oxide power resistor
D-K # P10W-3BK-ND
R1
60
Ω 5% 1/8 W. 1206 size chip resistor
ADS # 3-18-88
C11, 12, R20, 21, 30, 31
2
10.0
Ω 1% 1/8 W. 1206 size chip resistor
ADS # 3-18-120
R3, 4
2
49.9
Ω 1% 1/8 W. 1206 size chip resistor
ADS # 3-14-26
R11, 15
5
100
Ω 1% 1/8 W. 1206 size chip resistor
ADS # 3-18-40
R 8, 14, 25, 26, 32
2
2.49 k
Ω 1% 1/8 W. 1206 size chip resistor
ADS # 3-18-71
R16, 17
3
750
Ω 1% 1/8 W. 1206 size chip resistor
ADS # 3-18-8
R2, 18, 19
2
10.0 k
Ω 0.1% 0805 size chip resistor
ADS # 3-36-5
R33, 34
2
10.0 k
Ω 1% 1/8 W. 1206 size chip resistor
ADS # 3-18-119
R24 and 29
4
Test Point (Black) [GND]
ADS # 12-18-44
TP23–26 (GND.)
2
Test Point (Brown)
ADS # 12-18-59
TP4, 5
3
Test Point (Red)
ADS # 12-18-43
TP17–19
4
Test Point (Orange)
ADS # 12-18-60
TP1, 2, 10, 11
1
Test Point (Yellow)
ADS # 12-18-32
TP3
2
Test Point (Blue)
ADS # 12-18-62
TP6, 8
2
Test Point (Green)
ADS # 12-18-61
TP7, 9
12
× 5-pin strips (1/4 of a 20-pin Samtek ‘SIP’ strip socket)
ADS # 11-2-14
(T1)
1
2 Pos. GRAY term. blk. # 25.161.0253 (Newark # 51F4106)
ADS# 12-19-10
TB1, 2
4
0.1 inch ctr. shunt Berg # 65474 -001
ADS # 11-2-38
JP1–4
2
2 pin gold male header 0.1 inch ctr. Berg # 69157 -102
ADS # 11-2-37
JP1, 2
4
50
Ω BNC pc mount Telegartner # J01001A1944
ADS # 12-6-22
S3–6
1
AMP# 555154 -1 MOD. JACK (SHIELDED) 6 –6
ADS # 12-20-5
P1
2
3-pin gold male header Waldom D-K # WM 2723 -ND
ADS # 12-3-80
JP3, 4
2
3-pin gold male locking header Waldom # WM 2701 -ND
ADS # 12-3-79
P3, 4
1
AD8018ARU ADSL Driver hybrid
ADS # AD8018ARU
U1 (D.U.T.)
1
AD8018 TSSOP1T Non-Inverting REV. A Evaluation PC board
D C S
Eval. PC Board
4# 4 –40
× 1/4" panhead ss machine screw
ADS # 30-1-1
4# 4 –40
× 1/2" threaded alum. standoffs
ADS # 30-16-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com