Electronic Components Datasheet Search
  English  ▼

X  

AD8018 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8018 Datasheet HTML 5Page - Analog Devices AD8018 Datasheet HTML 6Page - Analog Devices AD8018 Datasheet HTML 7Page - Analog Devices AD8018 Datasheet HTML 8Page - Analog Devices AD8018 Datasheet HTML 9Page - Analog Devices AD8018 Datasheet HTML 10Page - Analog Devices AD8018 Datasheet HTML 11Page - Analog Devices AD8018 Datasheet HTML 12Page - Analog Devices AD8018 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
REV. 0
AD8018
–9–
Table I. Resistor Selection Guide
Gain
RF ( )RG ( )
–1
681
681
+1
1 k
∞
+2
750
750
+3
511
256
+4
340
113
+5
230
59
POWER-DOWN FEATURES
Two digitally programmable logic pins, PWDN1 and PWDN0,
are available on the TSSOP-14 package to select among three
different modes of operation, full power, standby and shutdown.
The DGND pin is the logic ground reference. The logic thresh-
old voltage is established 1 V above DGND. In a typical 5 V
single-supply application, the DGND pin is connected to analog
ground. If PWDN1, PWDN0, and DGND are left unconnected,
the AD8018 will operate at full power.
Table II. Power-Down Features and Truth Table
Supply
Output
PWDN0
PWDN1
State
Current
Impedance
High
High
Full Power
18 mA
Low
Low
High
Standby
9 mA
Low
High
Low
Standby
9 mA
Low
Low
Low
Disabled
300
µA
High
POWER SUPPLY AND DECOUPLING
The AD8018 can be powered with a good quality (i.e., low-noise)
supply anywhere in the range from 3.3 V to 8 V. However, in
order to optimize the ADSL upstream drive capability to +13 dBm
and maintain the best Spurious Free Dynamic Range (SFDR),
the AD8018 circuit should be supplied with a well regulated 5 V
supply. The 5 V supplied at the USB port may be poorly regu-
lated. Improving the quality of the 5 V supply will optimize the
performance of the AD8018 in a USB-supplied CPE ADSL
modem. This can be accomplished through the use of a step-up
dc-to-dc converter or switching power supply followed by a low
dropout (LDO) regulator such as the ADP3331 (see Figure 6).
Setting R1 to be 953 k
Ω and R2 to be 301 kΩ will result in a
VOUT of 5 V.
Careful attention must be paid to decoupling the power supply
pins at the output of the dc-to-dc converter, the output of the
LDO regulator and the supply pins of the AD8018. High-quality
capacitors with low equivalent series resistance (ESR) such as
multilayer ceramic capacitors (MLCCs) should be used to mini-
mize supply voltage ripple and power dissipation. A large, usually
tantalum, 10
µF to 47 µF capacitor located in proximity to the
AD8018 is required to provide good decoupling for lower fre-
quency signals. In addition, 0.1
µF MLCC decoupling capacitors
should be located as close to each of the power supply pins as is
physically possible, no more than 1/8 inch away. An additional
large (4.7
µF to 10 µF) tantalum capacitor should be placed on the
board near the supply terminals to supply current for fast, large-
signal changes at the AD8018 outputs.
ADP3331
C1
0.47 F
VIN
ON
OFF
VOUT
EOUT
C2
0.47 F
R3
330k
IN
SD
GND
OUT
FB
ERR
R1
953k
R2
301k
Figure 6. ADP3331 LDO
METHOD FOR GENERATING A MIDSUPPLY VOLTAGE
To operate an amplifier on a single voltage supply, a voltage
midway between the supply and ground must be generated to
properly bias the inputs and the outputs.
A voltage divider can be created with two equal value resistors
(Figure 7). There is a trade-off between the power consumed by
the divider and the voltage drop across these resistors due to the
positive input bias currents. Selecting 2.5 k
Ω for R1 and R2 will
create a voltage divider that draws only 1 mA from a 5 V supply.
The voltage generated with this topology can vary due to the
temperature coefficient (TC) of resistance. Resistors that are
closely matched and have a low TC will minimize variations in
the voltage reference due to temperature. One should also be
sure to use a decoupling capacitor (0.1
µF) at the node where
VREF is generated.
5V
R1
2.5k
R2
2.5k
VREF
0.1 F
Figure 7. Midsupply Reference
DIFFERENTIAL TESTING
The test circuit shown in TPC 13 is used for measuring the dif-
ferential distortion of the AD8018. A single-ended test signal is
applied to the inverting input of the AD8138 differential driver
with the noninverting input grounded. Applying the differential
output of the AD8138 through 100
Ω resistors serves to isolate
the inputs of the AD8018 differential driver and provide a well-
balanced low-distortion input signal. The differential load (RL)
of the AD8018 can be set to the equivalent of the line imped-
ance reflected through a transformer. The AD9632 converts
the differential output voltage back to a single-ended signal.
The differential-to- single-ended converter using the AD9632
has an attenuation of –26 dB and is wired with precision resis-
tors to optimize the balance of differential input signal. The
resulting smaller output signal can be easily measured using a
50
Ω spectrum analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com