Electronic Components Datasheet Search
  English  ▼

X  

AD8018 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018 Datasheet(HTML) 1 Page - Analog Devices

  AD8018 Datasheet HTML 1Page - Analog Devices AD8018 Datasheet HTML 2Page - Analog Devices AD8018 Datasheet HTML 3Page - Analog Devices AD8018 Datasheet HTML 4Page - Analog Devices AD8018 Datasheet HTML 5Page - Analog Devices AD8018 Datasheet HTML 6Page - Analog Devices AD8018 Datasheet HTML 7Page - Analog Devices AD8018 Datasheet HTML 8Page - Analog Devices AD8018 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8018
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
5 V, Rail-to-Rail, High-Output Current,
xDSL Line Drive Amplifier
FEATURES
Ideal xDSL Line Drive Amplifier for USB, PCMCIA, or
PCI-Based Customer Premise Equipment (CPE). The
AD8018 provides maximum reach on 5 V supply,
driving 16 dBm of power into a back-terminated,
transformer-coupled 100
while maintaining –82 dBc
of out-of-band SFDR.
Rail-to-Rail Output Voltage and High Output Current
Drive
400 mA Output Current into Differential Load of 10
@ 8 V p-p
Low Single-Tone Distortion
–86 dBc Worst Harmonic, 6 V p-p into Differential 10
@ 100 kHz
Low Noise
4.5 nV/
√Hz Voltage Noise Density, 100 kHz
Out-of-Band SFDR = –82 dBc, 144 kHz to 500 kHz,
RLOAD = 12.5
, PLINE = 13 dBm
Low-Power Operation
3.3 V to 8 V Power Supply Range
Two Logic Bits for Standby and Shutdown
Low Supply Current of 9 mA/Amplifier (Typ)
Current Feedback Amplifiers
High Speed
130 MHz Bandwidth (–3 dB)
300 V/ s Slew Rate
APPLICATIONS
xDSL USB, PCI, PCMCIA Cards
Consumer DSL Modems
Twisted Pair Line Driver
PRODUCT DESCRIPTION
The AD8018 is intended for use in single-supply (5 V) xDSL
modems where high-output current and low distortion are
essential to achieve maximum reach. The dual high-speed
amplifiers are capable of driving low distortion signals to within
0.5 V of the power supply rail. Each amplifier can drive 400 mA
of current into 10
Ω (differential) while maintaining –82 dBc
out-of-band SFDR. The AD8018 is available with flexible standby
and shutdown modes. Two digital logic bits (PWDN1 and
PWDN0) may be used to put the AD8018 into one of three
modes: full power, standby (outputs low impedance), and
shutdown (outputs high impedance).
Fabricated with ADI’s high-speed XFCB (eXtra Fast Comple-
mentary Bipolar) process, the high bandwidth and fast slew rate
of the AD8018 keep distortion to a minimum, while dissipat-
ing a minimum of power. The quiescent current of the AD8018
is a low 9 mA/amplifier. The AD8018 drive capability comes in
compact 8-lead Thermal Coastline SOIC and 14-lead TSSOP
packages. Low-distortion, rail-to-rail output voltage, and high-
current drive in small packages make the AD8018 ideal for use
in low-cost USB, PCMCIA, and PCI Customer Premise Equip-
ment for ADSL, SDSL, VDSL, and proprietary xDSL systems.
Both models will operate over the temperature range –40
°C to
+85
°C.
10
1nF
5V
750
VIN
10
1nF
750
750
0.01 F
0.01 F
VREF
0.01 F
100
100
10k
10k
POUT
16dBm
R1
3.1
R2
3.1
RL = 100
LINE-
POWER
13dBm
TRANSFORMER
1:4
10k
10k
Figure 2. Single-Supply Voltage Differential Drive Circuit
for xDSL Applications
8-Lead SOIC
(Thermal Coastline)
VS
–IN2
IN2
6
5
7
8
OUT2
OUT1
–IN1
IN1
–VS
1
2
3
4
AD8018AR
PIN CONFIGURATIONS
14-Lead TSSOP
OUT1
–IN1
IN1
–VS
PWDN1
VS
OUT2
–IN2
IN2
PWDN0
DGND
AD8018ARU
6
5
7
8
1
2
3
4
9
14
13
12
11
10
NC
NC
NC
NC = NO CONNECT
PLINE – dBm
–70
–80
–90
–60
–50
–40
–30
418
6
8
10
12
14
16
N = 4.0
VS = 3.3V
VS = 5V
VS = 8V
Figure 1. Out-of-Band SFDR vs. ADSL Upstream Line Power;
VS = 5 V, N = 4 Turns, 144 kHz to 500 kHz. See Evaluation
Board Schematics in Figure 11.


Similar Part No. - AD8018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8018 AD-AD8018 Datasheet
326Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018ARUZ AD-AD8018ARUZ Datasheet
326Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
More results

Similar Description - AD8018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
logo
Analog Devices
AD8397 AD-AD8397 Datasheet
379Kb / 16P
Rail-to-Rail, High Output Current Amplifier
1/05-Revision 0
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Analog Devices
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018ARUZ AD-AD8018ARUZ Datasheet
326Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
Rail-to-Rail, High Output Current Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com