Electronic Components Datasheet Search
  English  ▼

X  

AD8018 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8018 Datasheet HTML 3Page - Analog Devices AD8018 Datasheet HTML 4Page - Analog Devices AD8018 Datasheet HTML 5Page - Analog Devices AD8018 Datasheet HTML 6Page - Analog Devices AD8018 Datasheet HTML 7Page - Analog Devices AD8018 Datasheet HTML 8Page - Analog Devices AD8018 Datasheet HTML 9Page - Analog Devices AD8018 Datasheet HTML 10Page - Analog Devices AD8018 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
REV. 0
AD8018
–7–
TRANSFORMER TURNS RATIO
3.0
16
10
11
12
13
14
15
3.2
4.0
4.2
4.4
4.6
4.8
3.4
3.6
3.8
VS = 5.25
VS = 4.75
VS = 5.00
TPC 19. Line Power vs. Turns Ratio; MTPR = –65 dBc,
f = 43 kHz
TRANSFORMER TURNS RATIO – N
3
4
–80
–70
–60
–50
–40
–30
5
–20
P = 13dBm
P = 13.5dBm
P = 14dBm
P = 12.5dBm
P = 12dBm
VS = 5V
RLINE = 100
f = 93kHz
TPC 20. MTPR vs. Turns Ratio
TRANSFORMER TURNS RATIO – N
3
–90
4
–80
–70
–60
–50
–40
–30
5
P = 12dBm
P = 12.5dBm
P = 13dBm
P = 13.5dBm
P = 14dBm
VS = 5V
RLINE = 100
f = 361kHz
TPC 21. Out-of-Band SFDR vs. Turns Ratio for Various
Line Power
TRANSFORMER TURNS RATIO
3.0
16
6
8
10
14
3.2
4.0
4.2
4.4
4.6
3.4
3.6
3.8
18
12
VS = 4.75
VS = 8.00
VS = 5.00
VS = 3.33
VS = 4.50
4.8
TPC 22. Line Power vs. Turns Ratio; –75 dBc Out-of-Band
SFDR, f = 361 kHz
FREQUENCY – Hz
1k
10k
100k
1M
10M
100M
1G
0.01
0.1
1
10
100
1k
10k
100k
1M
10M
–150
–100
–50
0
50
200
100
150
TRANSIMPEDANCE
PHASE
–200
TPC 23. Open Loop Transimpedance and Phase
POWER-DOWN VOLTAGE – Volts
0.86
16
6
8
10
14
DECREASING
18
12
20
0.88
0.90
0.92
0.94
0.96
0.98
1.00
1.02
INCREASING
LOGIC 1 TO 0
LOGIC 0 TO 1
TPC 24. Power-Up/-Down Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com