Electronic Components Datasheet Search
  English  ▼

X  

AD816 Datasheet(PDF) 6 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD816 Datasheet HTML 2Page - Analog Devices AD816 Datasheet HTML 3Page - Analog Devices AD816 Datasheet HTML 4Page - Analog Devices AD816 Datasheet HTML 5Page - Analog Devices AD816 Datasheet HTML 6Page - Analog Devices AD816 Datasheet HTML 7Page - Analog Devices AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices AD816 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OUTPUT STEP SIZE – V p-p
0
1400
1000
800
600
400
0
5
10
15
20
G = +5
RL = 100
–SR
200
+SR
DIFFERENTIAL SR
1200
0
2800
2000
1600
1200
800
400
2400
Figure 8. Driver Slew Rate vs. Output Step Size
VOUT – Volts
15
0
–15
–20
20
–16
–12
–8
–4
0
4
8
12
16
10
5
–5
–10
VS = 10V
VS = 5V
VS = 15V
TA = +25 C
1k
1k
RL=
25
VOUT
100
49.9
V IN
f = 0.1Hz
SINGLE
DRIVER
Figure 9. Driver Gain Nonlinearity vs. Output Voltage
10
0%
100
90
1 s
5V
Figure 10. Driver 40 V p-p Differential Sine Wave; RL = 50 Ω,
f = 100 kHz
AD816–Typical Driver Performance Characteristics
–6–
REV. B
LOAD CURRENT – Amps
80
0
–60
40
20
–20
–40
60
–2.0
2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
VS = 10V
VS = 5V
VS = 15V
TA = +25 C
1k
1k
RL=
5
VOUT
100
49.9
V IN
f = 0.1Hz
SINGLE
DRIVER
Figure 11. Driver Thermal Nonlinearity vs. Output Current
Drive
FREQUENCY – MHz
40
0
014
6
10
30
20
10
RL = 50
RL = 25
RL = 1
24
8
12
RL = 100
TA = +25 C
VS = 15V
Figure 12. Driver Large Signal Frequency Response
FREQUENCY – Hz
100
30k
300M
100k
1M
10M
100M
10
1
0.1
0.01
300k
3M
30M
VS = 5V
VS = 15V
Figure 13. Driver Closed-Loop Output Resistance vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com