Electronic Components Datasheet Search
  English  ▼

X  

AD816 Datasheet(PDF) 9 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD816 Datasheet HTML 5Page - Analog Devices AD816 Datasheet HTML 6Page - Analog Devices AD816 Datasheet HTML 7Page - Analog Devices AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices AD816 Datasheet HTML 10Page - Analog Devices AD816 Datasheet HTML 11Page - Analog Devices AD816 Datasheet HTML 12Page - Analog Devices AD816 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Receiver Performance Characteristics–AD816
REV. B
–9–
FREQUENCY – Hz
50
40
0
3
10M
10
100
1k
10k
100k
1M
30
20
10
Figure 28. Receiver Input Voltage Noise Spectral Density
FREQUENCY – Hz
100k
300M
1M
10M
100M
1
0
–1
–2
–3
–4
–5
2
3
4
5
100
1k
50
VOUT
VIN
1k
VS = 5V
VS = 15V
Figure 29. Receiver Closed-Loop Gain vs. Frequency,
Gain = –1
FREQUENCY – Hz
100
80
0
1k
10M
10k
100k
1M
60
40
1k
1k
VOUT
VIN
1k
1k
Figure 30. Receiver Common-Mode Rejection vs.
Frequency
FREQUENCY – Hz
–40
–50
–100
100
10M
1k
10k
100k
1M
–60
–70
–80
–90
G = +5
VOUT = 14V p-p
RF = 4k
RL = 1k
Figure 31. Receiver Harmonic Distortion vs. Frequency
FREQUENCY – Hz
100k
300M
1M
10M
100M
G = +2
RF = 1k
CF = 2.2pF
RL = 100
RS = 0
3
0
–3
–6
–9
–12
–15
–18
6
9
–21
–3
–6
–9
–12
–15
–18
–21
–24
0
3
–27
VIN = 0.5Vrms
VIN = 1.0Vrms
VIN = 0.25Vrms
VIN = 0.0625Vrms
VIN = 0.125Vrms
Figure 32. Receiver Small and Large Signal Frequency
Response, Gain = +2
FREQUENCY – Hz
100
1k
10k
100k
1M
10M
100M
100
90
10
50
40
30
20
70
60
80
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
Figure 33. Receiver Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com