Electronic Components Datasheet Search
  English  ▼

X  

AD816 Datasheet(PDF) 16 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices AD816 Datasheet HTML 10Page - Analog Devices AD816 Datasheet HTML 11Page - Analog Devices AD816 Datasheet HTML 12Page - Analog Devices AD816 Datasheet HTML 13Page - Analog Devices AD816 Datasheet HTML 14Page - Analog Devices AD816 Datasheet HTML 15Page - Analog Devices AD816 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD816
REV. B
–16–
15-Lead Surface Mount DDPAK
(VR-15)
1
0.080 (2.03)
0.065 (1.65)
2 PLACES
PIN 1
0.516
(13.106)
0.110
(2.79)
BSC
0.042
(1.066)
TYP
0.137
(3.479)
TYP
0.394
(10.007)
0.152 (3.86)
0.148 (3.76)
0.600 (15.24)
BSC
0.079 (2.006)
DIA
2 PLACES
15
0.024 (0.61)
0.014 (0.36)
0.063 (1.60)
0.057 (1.45)
8
°
0
°
SEATING
PLANE
0.031 (0.79)
0.024 (0.60)
0.100 (2.54)
BSC
0.798 (20.27)
0.778 (19.76)
0.182 (4.62)
0.172 (4.37)
0.146 (3.70)
0.138 (3.50)
15-Lead Through-Hole SIP with Staggered Leads
and 90 Lead Form
(Y-15)
0.063 (1.60)
0.057 (1.45)
0.671
±0.006
(17.043
±0.152)
SHORT
LEAD
0.024 (0.61)
0.014 (0.36)
0.666
±0.006
(16.916
±0.152)
LONG
LEAD
PIN 1
0.110
(2.79)
BSC
0.394
(10.007)
0.152 (3.86)
0.148 (3.76)
0.080 (2.03)
0.065 (1.65)
2 PLACES
0.042
(1.066)
TYP
0.137
(3.479)
TYP
0.079
(2.006) DIA
2 PLACES
1
15
0.700 (17.78) BSC
SEATING
PLANE
0.031 (0.79)
0.024 (0.60)
0.050
(1.27)
BSC
0.798 (20.27)
0.778 (19.76)
0.182 (4.62)
0.172 (4.37)
0.209
±0.010
(5.308
±0.254)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
15-Lead Through-Hole SIP with Staggered Leads
and Straight Lead Form
(YS-15)
0.080 (2.03)
0.065 (1.65)
2 PLACES
PIN 1
0.110
(2.79)
BSC
0.042
(1.07)
TYP
0.137
(3.48)
TYP
0.394
(10.007)
0.152 (3.86)
0.148 (3.76)
0.700 (17.78) BSC
0.079
(2.007) DIA
2 PLACES
1
15
0.063 (1.60)
0.057 (1.45)
0.627
±0.010
(15.926
±0.254)
SHORT
LEAD
0.601
±0.010
(15.265
±0.254)
LONG
LEAD
0.176 (4.47)
0.150 (3.81)
0.710 (18.03)
0.690 (17.53)
0.200
(5.08)
BSC
0.169
(4.29)
BSC
0.024 (0.61)
0.014 (0.36)
0.031 (0.79)
0.024 (0.60)
0.050 (1.27)
BSC
0.798 (20.27)
0.778 (19.76)
0.182 (4.62)
0.172 (4.37)
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com