Electronic Components Datasheet Search
  English  ▼

X  

AD816 Datasheet(PDF) 12 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices AD816 Datasheet HTML 10Page - Analog Devices AD816 Datasheet HTML 11Page - Analog Devices AD816 Datasheet HTML 12Page - Analog Devices AD816 Datasheet HTML 13Page - Analog Devices AD816 Datasheet HTML 14Page - Analog Devices AD816 Datasheet HTML 15Page - Analog Devices AD816 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD816
REV. B
–12–
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
As to be expected for a wideband amplifier, PC board parasitics
can affect the overall closed-loop performance. Of concern are
stray capacitances at the output and the inverting input nodes. If
a ground plane is to be used on the same side of the board as
the signal traces, a space (5 mm min) should be left around the
signal lines to minimize coupling.
POWER SUPPLY BYPASSING
Adequate power supply bypassing can be critical when optimiz-
ing the performance of a high frequency circuit. Inductance in
the power supply leads can form resonant circuits that produce
peaking in the amplifier’s response. In addition, if large current
transients must be delivered to the load, then bypass capacitors
(typically greater than 1
µF) will be required to provide the best
settling time and lowest distortion. A parallel combination of
10.0
µF and 0.1 µF is recommended. Under some low frequency
applications, a bypass capacitance of greater than 10
µF may be
necessary. Due to the large load currents delivered by the AD816,
special consideration must be given to careful bypassing. The
ground returns on both supply bypass capacitors as well as signal
common must be “star” connected as shown in Figure 44.
RF
RG
(OPTIONAL)
RF
+VS
+OUT
–OUT
–VS
+IN
–IN
DRIVER A
DRIVER B
RF
RG
RF
RG
IN
IN
RECEIVER A
RECEIVER B
OUT
OUT
Figure 44. Signal Ground Connected in “Star”
Configuration
POWER CONSIDERATIONS
The 500 mA drive capability of the AD816 driver enables it to
drive a 50
Ω load at 40 V p-p when it is configured as a dif-
ferential driver. This implies a power dissipation, PIN, of nearly
5 watts. To ensure reliability, the junction temperature of the
AD816 should be maintained at less than 175
°C. For this rea-
son, the AD816 will require some form of heat sinking in most
applications. The thermal diagram of Figure 45 gives the basic
relationship between junction temperature (TJ) and various
components of
θ
JA.
TJ = TA + PIN θJA
Equation 1
θA (JUNCTION TO
DIE MOUNT)
θ
B (DIE MOUNT
TO CASE)
θ
A + θ B = θ JC
CASE
TA
TJ
θ
JC
θ
CA
TA
θ
JA
TJ
PIN
WHERE:
PIN = DEVICE POWER DISSIPATION
TA = AMBIENT TEMPERATURE
TJ = JUNCTION TEMPERATURE
θ
JC = THERMAL RESISTANCE – JUNCTION TO CASE
θ
CA = THERMAL RESISTANCE – CASE TO AMBIENT
Figure 45. A Breakdown of Various Package Thermal
Resistances
Figure 46 gives the relationship between output voltage swing
into various loads and the power dissipated by the AD816 (PIN).
This data is given for both sine wave and square wave (worst
case) conditions. It should be noted that these graphs are for
mostly resistive (phase <
±10°) loads. When the power dissipation
requirements are known, Equation 1 and the graph on Figure 47
can be used to choose an appropriate heat sinking configuration.
4
3
10
20
30
40
2
1
VOUT – Volts p-p
RL = 50
RL = 100
RL = 200
f = 1kHz
SQUARE WAVE
SINE WAVE
VS = 15V
Figure 46. Total Power Dissipation vs Differential Driver
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com