Electronic Components Datasheet Search
  English  ▼

X  

AD816 Datasheet(PDF) 7 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD816 Datasheet HTML 3Page - Analog Devices AD816 Datasheet HTML 4Page - Analog Devices AD816 Datasheet HTML 5Page - Analog Devices AD816 Datasheet HTML 6Page - Analog Devices AD816 Datasheet HTML 7Page - Analog Devices AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices AD816 Datasheet HTML 10Page - Analog Devices AD816 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD816
REV. B
–7–
Typical Driver Characteristics–
FREQUENCY – Hz
100k
300M
1M
10M
100M
–12
–15
–18
–21
–24
–27
3
0
–3
–6
–9
–12
–15
–18
6
–21
–9
–6
–3
0
VIN = 0.5Vrms
VIN = 0.25Vrms
VIN = 125mVrms
VIN = 62.5mVrms
G = +2
RF = 499
RL = 100
RS = 100
Figure 17. Driver Small and Large Signal Frequency
Response, G = +2
FREQUENCY – Hz
100k
300M
1M
10M
100M
0.1
0
–0.1
–0.2
–0.3
–0.4
VIN = 50mVrms
G +5
RL = 100
RS = 100
0
–1
–2
–3
–4
–5
–6
–7
1
2
–8
RF = 499
RF = 604
RF = 750
RF = 604
RF = 750
Figure 18. Driver Frequency Response and Flatness,
G = +5
FREQUENCY – Hz
100k
300M
1M
10M
100M
VIN = 200mVrms
G +2
RL = 100
RS = 100
0
–1
–2
–3
–4
–5
–6
–7
1
2
3
RF = 499
RF = 750
RF = 604
Figure 19. Driver Frequency Response vs. RF, G = +2
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
–0.04
G = +2
RF = 1k
NTSC
12
345
678
9
10
11
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
GAIN
PHASE
0.005
0.000
–0.005
–0.010
–0.015
–0.020
–0.025
–0.030
0.010
123
45
678
9
10
11
6 BACK TERMINATED LOADS (25 )
2 BACK TERMINATED LOADS (75 )
G = +2
RF = 1k
NTSC
GAIN
PHASE
Figure 14. Driver Differential Gain and Differential
Phase (Per Amplifier)
FREQUENCY – Hz
10k
100k
1M
10M
100M 300M
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
DRIVER B = INPUT
DRIVER A = OUTPUT
–100
DRIVER A = INPUT
DRIVER B = OUTPUT
VIN = 200mVrms
499
100
100
50
OUTPUT
INPUT
499
DRIVER
A
499
100
100
50
OUTPUT
INPUT
499
DRIVER
B
Figure 15. Driver Output-to-Output Crosstalk vs.
Frequency
FREQUENCY – Hz
100k
1M
10M
100M
300M
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VIN = 1.0Vrms
VIN = 0.5Vrms
VIN = 0.25Vrms
VIN = 125mVrms
VIN = 62.5mVrms
G = +1
RF = 499
RL =100
RS =100
Figure 16. Driver Small and Large Signal Frequency
Response, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com