Electronic Components Datasheet Search
  English  ▼

X  

AD816 Datasheet(PDF) 8 Page - Analog Devices

Part # AD816
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD816 Datasheet HTML 4Page - Analog Devices AD816 Datasheet HTML 5Page - Analog Devices AD816 Datasheet HTML 6Page - Analog Devices AD816 Datasheet HTML 7Page - Analog Devices AD816 Datasheet HTML 8Page - Analog Devices AD816 Datasheet HTML 9Page - Analog Devices AD816 Datasheet HTML 10Page - Analog Devices AD816 Datasheet HTML 11Page - Analog Devices AD816 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD816–Typical Driver Performance Characteristics
–8–
REV. B
AD816
DRIVER A/B
8
0.1 F
10 F
+15V
0.1 F
10 F
7
–15V
RL = 100
100
55
VIN
PULSE
GENERATOR
TR/TF = 250ps
1k
1k
Figure 20. Test Circuit Gain = –1
Figure 21. Driver 500 mV Step Response, G = –1
Figure 22. Driver 4 V Step Response, G = –1
8
0.1 F
10 F
+15V
0.1 F
10 F
7
–15V
RL = 100
100
50
VIN
PULSE
GENERATOR
TR/TF = 250ps
RG
RF
AD816
DRIVER A/B
Figure 23. Test Circuit, Gain = 1 + RF/RG
0.1 F
10 F
+15V
499
0.1 F
10 F
7
–15V
RL = 100
100
50
VIN
PULSE
GENERATOR
TR/TF = 500ps
8
AD816
DRIVER A/B
499
Figure 24. Driver Test Circuit, Gain = +2
Figure 25. 10 V Step Response, G = +2
Figure 26. Driver 400 mV Step Response, G = +2
Figure 27. Driver 20 V Step Response, G = +5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com