Electronic Components Datasheet Search
  English  ▼

X  

AD9832 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9832
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9832 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9832 Datasheet HTML 2Page - Analog Devices AD9832 Datasheet HTML 3Page - Analog Devices AD9832 Datasheet HTML 4Page - Analog Devices AD9832 Datasheet HTML 5Page - Analog Devices AD9832 Datasheet HTML 6Page - Analog Devices AD9832 Datasheet HTML 7Page - Analog Devices AD9832 Datasheet HTML 8Page - Analog Devices AD9832 Datasheet HTML 9Page - Analog Devices AD9832 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9832
–6–
REV. A
MCLK FREQUENCY – MHz
25
20
0
510
25
15
20
15
10
5
+5V
+3.3V
TA = +25 C
Figure 5. Typical Current Consump-
tion vs. MCLK Frequency
10MHz
fOUT/fMCLK
–40
–45
–80
0
0.1
0.4
0.2
0.3
–60
–65
–70
–75
–50
–55
AVDD = DVDD = +3.3V
25MHz
Figure 8. Wide Band SFDR vs. fOUT/
fMCLK for Various MCLK Frequencies
TEMPERATURE –
°C
10
7.5
0
–40
–30
0
–20
–10
5.0
2.5
AVDD = DVDD = +2.97V
Figure 11. Wake-Up Time vs.
Temperature
–Typical Performance Characteristics
MCLK FREQUENCY – MHz
–50
–55
–80
10
0
25
20
–60
–65
–75
–70
fOUT/fMCLK = 1/3
AVDD = DVDD = +3.3V
Figure 6. Narrow Band SFDR vs.
MCLK Frequency
MCLK FREQUENCY – MHz
60
55
40
10
15
25
20
50
45
AVDD = DVDD = +3.3V
fOUT = fMCLK/3
Figure 9. SNR vs. MCLK Frequency
VBW 1kHz
0
–70
–100
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
–10
–60
–80
–90
–40
–50
–20
–30
Figure 12. fMCLK = 25 MHz, fOUT = 1.1 MHz,
Frequency Word = B439581
MCLK FREQUENCY – MHz
–40
–45
–65
10
15
25
20
–50
–55
–60
fOUT/fMCLK = 1/3
AVDD = DVDD = +3.3V
Figure 7. Wide Band SFDR vs. MCLK
Frequency
10MHz
25MHz
fOUT/fMCLK
60
55
40
0
0.1
0.4
0.2
0.3
50
45
AVDD = DVDD = +3.3V
Figure 10. SNR vs. fOUT/fMCLK for Vari-
ous MCLK Frequencies
VBW 1kHz
0
–70
–100
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
–10
–60
–80
–90
–40
–50
–20
–30
Figure 13. fMCLK = 25 MHz, fOUT = 2.1 MHz,
Frequency Word = 15810625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com