Electronic Components Datasheet Search
  English  ▼

X  

AD9832 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9832
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9832 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9832 Datasheet HTML 8Page - Analog Devices AD9832 Datasheet HTML 9Page - Analog Devices AD9832 Datasheet HTML 10Page - Analog Devices AD9832 Datasheet HTML 11Page - Analog Devices AD9832 Datasheet HTML 12Page - Analog Devices AD9832 Datasheet HTML 13Page - Analog Devices AD9832 Datasheet HTML 14Page - Analog Devices AD9832 Datasheet HTML 15Page - Analog Devices AD9832 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD9832
–12–
REV. A
DATA WRITE**
FREG<0> = fOUT0/fMCLK*232
FREG<1> = fOUT1/fMCLK*232
PHASEREG <3:0> = DELTA PHASE<0, 1, 2, 3>
SELECT DATA SOURCES***
SET FSELECT
SET PSEL0, PSEL1
INITIALIZATION*
WAIT 6 MCLK CYCLES (8 MCLK CYCLES IF SYNC = 1)
DAC OUTPUT
VOUT = VREFIN*6.25*ROUT/RSET*(1 + SIN(2 (FREG*fMCLK*t/232 + PHASEREG/212)))
CHANGE PHASE?
NO
CHANGE fOUT?
YES
NO
YES
CHANGE fOUT?
NO
YES
CHANGE FSELECT
CHANGE PHASEREG?
NO
YES
CHANGE PSEL0, PSEL1
Figure 22. Flow Chart for AD9832 Initialization and Operation
INITIALIZATION*
CONTROL REGISTER WRITE
SET SLEEP
RESET = 1
CLR = 1
SET SYNC AND/OR SELSRC TO 1
YES
NO
CONTROL REGISTER WRITE
SYNC = 1
AND/OR
SELSRC = 1
WRITE INITIAL DATA
FREG<0> = fOUT0/fMCLK*2
32
FREG<1> = fOUT1/fMCLK*2
32
PHASEREG<3:0> = DELTA PHASE<0, 1, 2, 3>
SET PINS OR FREQUENCY/PHASE REGISTER WRITE
SET FSELECT, PSEL0 AND PSEL1
CONTROL REGISTER WRITE
SLEEP = 0
RESET = 0
CLR = 0
Figure 23. Initialization
DATA WRITE**
DEFERRED TRANSFER WRITE
WRITE 8 BITS TO DEFER REGISTER
DIRECT TRANSFER WRITE
WRITE PRESENT 8 BITS AND 8 BITS IN
DEFER REGISTER TO DATA REGISTER
WRITE ANOTHER WORD TO THIS
REGISTER?
WRITE A WORD TO ANOTHER REGISTER
CHANGE 8 BITS ONLY
YES
NO
CHANGE 16 BITS
NO
YES
Figure 24. Data Writes
SELECT DATA SOURCES***
FSELECT/PSEL PINS BEING USED?
YES
SELSRC = 0
SET PINS
SET FSELECT
SET PSEL0
SET PSEL1
FREQUENCY/PHASE REGISTER WRITE
SET FSELECT
SET PSEL0
SET PSEL1
NO
SELSRC = 1
Figure 25. Selecting Data Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com