Electronic Components Datasheet Search
  English  ▼

X  

AD9832 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9832
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9832 Datasheet(HTML) 1 Page - Analog Devices

  AD9832 Datasheet HTML 1Page - Analog Devices AD9832 Datasheet HTML 2Page - Analog Devices AD9832 Datasheet HTML 3Page - Analog Devices AD9832 Datasheet HTML 4Page - Analog Devices AD9832 Datasheet HTML 5Page - Analog Devices AD9832 Datasheet HTML 6Page - Analog Devices AD9832 Datasheet HTML 7Page - Analog Devices AD9832 Datasheet HTML 8Page - Analog Devices AD9832 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9832
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
CMOS
Complete DDS
FUNCTIONAL BLOCK DIAGRAM
IOUT
COMP
REFIN
FS ADJUST
REFOUT
AGND
AVDD
DGND
DVDD
MCLK
PSEL0 PSEL1
12
Σ
AD9832
ON-BOARD
REFERENCE
10-BIT DAC
PHASE0 REG
PHASE1 REG
PHASE2 REG
PHASE3 REG
FULL-SCALE
CONTROL
SIN
ROM
PHASE
ACCUMULATOR
(32 BIT)
MUX
FREQ0 REG
FREQ1 REG
MUX
16-BIT DATA REGISTER
SYNC
FSELECT
FSELECT
BIT
SELSRC
SYNC
8 LSBs
8 MSBs
DECODE LOGIC
FSYNC
SCLK
SDATA
SERIAL REGISTER
CONTROL REGISTER
FSELECT/PSEL REGISTER
DEFER REGISTER
SYNC
SYNC
SELSRC
PSEL0
BIT
PSEL1
BIT
FEATURES
3 V/5 V Power Supply
25 MHz Speed
On-Chip SINE Look-Up Table
On-Chip 10-Bit DAC
Serial Loading
Power-Down Option
45 mW Power Consumption
16-Lead TSSOP
APPLICATIONS
DDS Tuning
Digital Demodulation
GENERAL DESCRIPTION
The AD9832 is a numerically controlled oscillator employing
a phase accumulator, a sine look-up table and a 10-bit D/A
converter integrated on a single CMOS chip. Modulation
capabilities are provided for phase modulation and frequency
modulation.
Clock rates up to 25 MHz are supported. Frequency accuracy
can be controlled to one part in 4 billion. Modulation is effected
by loading registers through the serial interface.
A power-down bit allows the user to power down the AD9832
when it is not in use, the power consumption being reduced to
5 mW (5 V) or 3 mW (3 V). The part is available in a 16-lead
TSSOP package.


Similar Part No. - AD9832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9832BRU AD-AD9832BRU Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRU-REEL7 AD-AD9832BRU-REEL7 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ AD-AD9832BRUZ Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ-REEL AD-AD9832BRUZ-REEL Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ-REEL7 AD-AD9832BRUZ-REEL7 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
More results

Similar Description - AD9832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com