| Electronic Components Datasheet Search |
|
AD9832 Datasheet(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9832 Datasheet(HTML) 9 Page - Analog Devices |
|
9 / 16 page ![]() –9– AD9832 REV. A Table V. Commands C3 C2 C1 C0 Command 0000Write 16 phase bits (Present 8 Bits + 8 Bits in Defer Register) to Selected PHASE REG. 0001Write 8 phase bits to Defer Register. 0010Write 16 frequency bits (Present 8 Bits + 8 Bits in Defer Register) to Selected FREQ REG. 0011Write 8 frequency bits to Defer Register. 0100Bits D9 (PSEL0) and D10 (PSEL1) are used to Select the PHASE REG when SELSRC = 1. When SELSRC = 0, the PHASE REG is Selected using the pins PSEL0 and PSEL1. 0101Bit D11 is used to Select the FREQ REG when SELSRC = 1. When SELSRC = 0, the FREQ REG is Selected using the pin FSELECT. 0110To control the PSEL0, PSEL1 and FSELECT bits using only one write, this command is used. Bits D9 and D10 are used to Select the PHASE REG and Bit 11 is used to Select the FREQ REG when SELSRC = 1. When SELSRC = 0, the PHASE REG is Selected using the pins PSEL0 and PSEL1 and the FREQ REG is Selected using the pin FSELECT. 0111Reserved. Configures the AD9832 for Test Purposes. Table VI. Controlling the AD9832 D15 D14 Command 1 0 Selects source of Control for the PHASE and FREQ Registers and Enables Synchronization. Bit D13 is the SYNC Bit. When this bit is High, reading of the FSELECT, PSEL0 and PSEL1 bits/ pins and the loading of the Destination Register with data is synchronized with the rising edge of MCLK. The latency is increased by 2 MCLK cycles when SYNC = 1. When SYNC = 0, the loading of the data and the sampling of FSELECT/PSEL0/PSEL1 occurs asynchronously. Bit D12 is the Select Source Bit (SELSRC). When this bit Equals 1, the PHASE/FREQ REG is Selected using the bits FSELECT, PSEL0 and PSEL1. When SELSRC = 0, the PHASE/FREQ REG is Selected using the pins FSELECT, PSEL0 and PSEL1. 1 1 Sleep, Reset and Clear. D13 is the SLEEP bit. When this bit equals 1, the AD9832 is powered down, internal clocks are disabled and the DAC’s current sources and REFOUT are turned off. When SLEEP = 0, the AD9832 is powered up. When RESET (D12) = 1, the phase accumulator is set to zero phase which corresponds to an analog output of midscale. When CLR (D11) = 1, SYNC and SELSRC are set to zero. CLR resets to 0 automatically. Table VII. Writing to the AD9832 Data Registers 5 1 D4 1 D3 1 D2 1 D1 1 D0 1 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D 3 C2 C1 C0 C3 A2 A1 A0 AB S MB S L Table VIII. Setting SYNC and SELSRC 5 1 D4 1 D3 1 D2 1 D1 1 D0 1 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D 10 C N Y SC R S L E S XXXXXXXXXXXX Table IX. Power-Down, Resetting and Clearing the AD9832 5 1 D4 1 D3 1 D2 1 D1 1 D0 1 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D 11 P E E L ST E S E RR L C XXXXXXXXXXX |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |