Electronic Components Datasheet Search
  English  ▼

X  

AD9832 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9832
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9832 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9832 Datasheet HTML 8Page - Analog Devices AD9832 Datasheet HTML 9Page - Analog Devices AD9832 Datasheet HTML 10Page - Analog Devices AD9832 Datasheet HTML 11Page - Analog Devices AD9832 Datasheet HTML 12Page - Analog Devices AD9832 Datasheet HTML 13Page - Analog Devices AD9832 Datasheet HTML 14Page - Analog Devices AD9832 Datasheet HTML 15Page - Analog Devices AD9832 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
–15–
AD9832
REV. A
Using the AD9832 Evaluation Board
The AD9832 Evaluation kit is a test system designed to simplify
the evaluation of the AD9832. Provisions to control the AD9832
from the printer port of an IBM-compatible PC are included,
along with the necessary software. An application note is also
available with the evaluation board and gives information on
operating the evaluation board.
Prototyping Area
An area is available on the evaluation board for the user to add
additional circuits to the evaluation test set. Users may want to
build custom analog filters for the output or add buffers and
operational amplifiers to be used in the final application.
C1
0.1 F
DVDD
AVDD
C2
0.1 F
415
DVDD
AVDD
16
2
3
1
14
COMP
REFIN
REFOUT
FSADJUST
IOUT
AVDD
C3
10nF
REFIN
C4
10nF
LK4
R5
3.9k
Ω
IOUT
C8
10 F
C7
0.1 F
DVDD
J2
J3
C9
0.1 F
C10
10 F
AVDD
R6
300
Ω
DGND
AGND
513
11
12
10
6
9
8
7
MCLK
FSELECT
PSEL0
PSEL1
FSYNC
SDATA
SCLK
16
14
9
20
11
6
4
DVDD
C6
0.1 F
110 19
U2
J1
SCLK
SDATA
FSYNC
R3
10k
Ω
R1
10k
Ω
R2
10k
Ω
PSEL1
PSEL0
FSELECT
LK1
LK2
LK3
SW
DVDD
MCLK
R4
50
Ω
DGND
DVDD
OUT
DVDD
C5
0.1 F
U3
SCLK
SDATA
FSYNC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
U1
AD9832
XTAL1
Figure 31. AD9832 Evaluation Board Layout
XO vs. External Clock
The AD9832 can operate with master clocks up to 25 MHz. A
25 MHz oscillator is included on the evaluation board. How-
ever, this oscillator can be removed and, if required, an external
CMOS clock connected to the part.
Power Supply
Power to the AD9832 Evaluation Board must be provided ex-
ternally through the pin connections. The power leads should be
twisted to reduce ground loops.
Integrated Circuits
XTAL1
OSC XTAL 25 MHz
U1
AD9832 (16-Pin TSSOP)
U2
74HCT244 Buffer
Capacitors
C1, C2
0.1
µF Ceramic Chip Capacitor
C3, C4
10 nF Ceramic Capacitor
C5, C6, C7, C9
0.1
µF Ceramic Capacitor
C8, C10
10
µF Tantalum Capacitor
Resistors
R1–R3
10 k
Ω Resistor
R4
50
Ω Resistor
R5
3.9 k
Ω Resistor
R6
300
Ω Resistor
Links
LK1–LK3
Three-Pin Link
LK4
Two-Pin Link
Switch
SW
End Stackable Switch (SDC Double
Throw)
Sockets
MCLK, PSEL0,
Subminiature BNC Connector
PSEL1, FSELECT,
IOUT, REFIN
Connectors
J1
36-Pin Edge Connector
J2, J3
PCB Mounting Terminal Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com