Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 1 Page - Analog Devices

  AD9856 Datasheet HTML 1Page - Analog Devices AD9856 Datasheet HTML 2Page - Analog Devices AD9856 Datasheet HTML 3Page - Analog Devices AD9856 Datasheet HTML 4Page - Analog Devices AD9856 Datasheet HTML 5Page - Analog Devices AD9856 Datasheet HTML 6Page - Analog Devices AD9856 Datasheet HTML 7Page - Analog Devices AD9856 Datasheet HTML 8Page - Analog Devices AD9856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9856
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
CMOS 200 MHz
Quadrature Digital Upconverter
FUNCTIONAL BLOCK DIAGRAM
DDS AND CONTROL FUNCTIONS
12-BIT
DAC
12
12
12
COSINE
SINE
COMPLEX
DATA IN
REFERENCE
CLOCK IN
TxENABLE
(I/Q SYNC)
PROFILE
SELECT
1–2
PROFILE
SELECT
3–4
MASTER
RESET
SPI INTERFACE
TO AD8320/AD8321
PROGRAMMABLE
CABLE DRIVER
AMPLIFIER
DAC
RSET
DC-80 MHz
OUTPUT
BIDIRECTIONAL SPI CONTROL INTERFACE:
32-BIT FREQUENCY TUNING WORD
FREQUENCY UPDATE
INTERPOLATION FILTER RATE
REFERENCE CLOCK MULTIPLIER RATE
SPECTRAL PHASE INVERSION ENABLE
CABLE DRIVER AMPLIFIER CONTROL
12
12
12
12
12
12
12
12
INV
SINC
12
AD9856
4 –8
SELECTABLE
INTERPOLATING
HALFBANDS
4 –8
SELECTABLE
INTERPOLATING
HALFBANDS
4 –20 PROG.
CLOCK
MULTIPLIER
2
TO 63
SELECTABLE
INTERPOLATOR
2
TO 63
SELECTABLE
INTERPOLATOR
FEATURES
Universal Low Cost Modulator Solution for
Communications Applications
DC to 80 MHz Output Bandwidth
Integrated 12-Bit D/A Converter
Programmable Sample Rate Interpolation Filter
Programmable Reference Clock Multiplier
Internal SIN(x)/x Compensation Filter
>52 dB SFDR @ 40 MHz AOUT
>48 dB SFDR @ 70 MHz AOUT
>80 dB Narrowband SFDR @ 70 MHz AOUT
+3 V Single Supply Operation
Space-Saving Surface-Mount Packaging
Bidirectional Control Bus Interface
Supports Burst and Continuous Tx Modes
Single Tone Mode for Frequency Synthesis Applications
Four Programmable, Pin-Selectable Modulator Profiles
Direct Interface to AD8320/AD8321 PGA Cable Driver
GENERAL DESCRIPTION
The AD9856 integrates a high speed direct-digital synthesizer
(DDS), a high performance, high speed 12-bit digital-to-analog
converter (DAC), clock multiplier circuitry, digital filters and
other DSP functions onto a single chip, to form a complete
quadrature digital upconverter device. The AD9856 is intended
to function as a universal I/Q modulator and agile upconverter
for communications applications, where cost, size, power dissi-
pation and dynamic performance are critical attributes.
The AD9856 is available in a space-saving surface mount pack-
age and specified to operate over the extended industrial tem-
perature range of –40
°C to +85°C.
APPLICATIONS
HFC Data, Telephony and Video Modems
Wireless and Satellite Communications
Cellular Basestations


Similar Part No. - AD9856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9856 AD-AD9856 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856/PCB AD-AD9856/PCB Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9856AST AD-AD9856AST Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
More results

Similar Description - AD9856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9857 AD-AD9857 Datasheet
551Kb / 31P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV.0
logo
Tyco Electronics
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
Quadrature Hybrid 100 - 200 MHz
logo
M/A-COM Technology Solu...
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
Quadrature Hybrid, 100 - 200 MHz
logo
Analog Devices
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
23-Feb-2017
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com