Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9856 Datasheet HTML 24Page - Analog Devices AD9856 Datasheet HTML 25Page - Analog Devices AD9856 Datasheet HTML 26Page - Analog Devices AD9856 Datasheet HTML 27Page - Analog Devices AD9856 Datasheet HTML 28Page - Analog Devices AD9856 Datasheet HTML 29Page - Analog Devices AD9856 Datasheet HTML 30Page - Analog Devices AD9856 Datasheet HTML 31Page - Analog Devices AD9856 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9856
–29–
REV. B
DVDD
+12V
+3.3V
GND
C3
10 F
C29
0.1 F
C24
0.1 F
C30
0.1 F
C31
0.1 F
C4
10 F
C27
0.1 F
C22
0.1 F
C25
0.1 F
C14
0.1 F
C8
0.1 F
C5
0.1 F
C20
0.1 F
C1
10 F
C2
10 F
AVDD
GND
W2
VCC
2Y4
2Y3
2Y2
2Y1
1Y4
1Y3
1Y2
1Y1
2A4
2A3
2A2
2A1
1A4
1A3
1A2
1A1
GND
U6
74HC244A
1G
2G
17
15
13
11
8
6
4
2
10
20
3
5
7
9
12
14
16
18
+3.3V
+3.3V
GND
W3
+3.3V
74HC132
1A
1B
1Y
2A
2B
2Y
DGND
DVDD
4B
4A
4Y
3B
3A
3Y
U8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
CS
RBE
+3.3V
RBE
SDIO
+3.3V
SDO
GND
P2
74HC125A
1G
1A
1Y
2G
2A
2Y
GND
VCC
4G
4A
4Y
3G
3A
3Y
U3
14
13
12
11
10
9
8
1
2
3
4
5
6
7
RBE
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CLOCK
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
U7
74HC574
+3.3V
R8
10k
+3.3V
R11
10k
R10
10k
SCLK
CS
SYNC I/O
RST
PS0
PS1
GND
RBE
+3.3V
RBE
LATCH
SCLK
SDIO
RST
SYNC I/O
E23
E24
E16
19
1
E17
E18
E19
48 47 46 45 44 43 42 41 40 39 38 37
J3
RST
SYNC I/O
J8
SCLK
J4
SDO
J14
CACLK
J6
J7
J5
R7
50
PS0
PS1
CAENB
R1
3.92
GND
DVDD
C17
7pF
C18
33pF
C19
22pF
L1
120nH
L2
100nH
L3
100nH
C10
68pF
C11
100pF
C12
82pF
C13
56pF
J9
C16
0.01 F
R5
1.3k
C15
0.1 F
13 THRU
20 ARE NC
21 THRU
40 ARE GND
J2
TxENABLE
D11
D10
DVDD
DGND
D9
D8
D7
D6
DVDD
DGND
D5
CA DATA
CA ENABLE
PLL SUPPLY
PLL FILTER
PLL GND
AGND
IOUT
IOUTB
AGND
AVDD
DAC REF BYPASS
DAC RSET
36
35
34
33
32
31
30
29
28
27
26
25
J10
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
20
GND
DVDD
P1
DUT
AD9856
SDIO
J15
GND
W6
W5
W4
CADAT
AVDD
C9
0.1 F
W7
AVDD
R3
25
R4
50
C7
0.1 F
AVDD
J1
W8
CS
GND
W1
E14
E15
E12
E13
W9
E10
E11
E7
E9
E6
E4
E5
E8
E2
E3
E1
P3
GND
+3.3V
+12V
1
2
3
4
5
AVDD
DVDD
W10
E25
E26
+3.3V
CADATA
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VCC1
VIN
VREF
VCC
GND 1
GND 2
BYP
GND 3
GND 4
GND 5
SDATA
CLK
DATEN
GND
VOCM
PD
+12V
+12V
+12V
VOUT
U4
AD8320/21
C28
0.1 F
+12V
CACLK
CAEN
R9
62
J13
+12V
J12
C23
0.1 F
75
OUTPUT
J11
GND
W11
PODN
R6
1.3k
C26
0.1 F
C21
0.1 F
E20
E21
E22
REFCLKIN
TxENABLE
RBE
SDO
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
65MHz
LOW PASS
FILTER
POWER
DOWN
CONTROL
50
INPUT
0.1 F
RESET
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC = NO CONNECT
Figure 41. AD9856/PCB Evaluation Board Electrical Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com